Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 865 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 865 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 861Page - Renesas Technology Corp H8S/2426 Datasheet HTML 862Page - Renesas Technology Corp H8S/2426 Datasheet HTML 863Page - Renesas Technology Corp H8S/2426 Datasheet HTML 864Page - Renesas Technology Corp H8S/2426 Datasheet HTML 865Page - Renesas Technology Corp H8S/2426 Datasheet HTML 866Page - Renesas Technology Corp H8S/2426 Datasheet HTML 867Page - Renesas Technology Corp H8S/2426 Datasheet HTML 868Page - Renesas Technology Corp H8S/2426 Datasheet HTML 869Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 865 / 1302 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 1.00 Sep. 19, 2008 Page 837 of 1270
REJ09B0466-0100
RxD
TxD
SCK
Clock
External clock
φ
φ/4
φ/16
φ/64
TEI
TXI
RXI
ERI
SCMR
SSR
SCR
SMR
SEMR
Transmission/
reception control
Baud rate
generator
BRR
Module data bus
RDR
TSR
RSR
Parity generation
Parity check
TDR
Internal
data bus
Average transfer
rate generator
(SCI_2)
10.667 MHz operation
• 115.152 kbps
• 460.606 kbps
16 MHz operation
• 115.196 kbps
• 460.784 kbps
• 720 kbps
32 MHz operation
• 720 kbps
Legend:
RSR
: Receive shift register
RDR
: Receive data register
TSR
: Transmit shift register
TDR
: Transmit data register
SMR
: Serial mode register
SCR
: Serial control register
SSR
: Serial status register
SCMR
: Smart card mode register
BRR
: Bit rate register
SEMR
: Serial extension mode register (only in SCI_2)
Figure 15.1 Block Diagram of SCI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com