Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 869 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 869 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 865Page - Renesas Technology Corp H8S/2426 Datasheet HTML 866Page - Renesas Technology Corp H8S/2426 Datasheet HTML 867Page - Renesas Technology Corp H8S/2426 Datasheet HTML 868Page - Renesas Technology Corp H8S/2426 Datasheet HTML 869Page - Renesas Technology Corp H8S/2426 Datasheet HTML 870Page - Renesas Technology Corp H8S/2426 Datasheet HTML 871Page - Renesas Technology Corp H8S/2426 Datasheet HTML 872Page - Renesas Technology Corp H8S/2426 Datasheet HTML 873Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 869 / 1302 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 1.00 Sep. 19, 2008 Page 841 of 1270
REJ09B0466-0100
15.3.3
Transmit Data Register (TDR)
TDR is an 8-bit register that stores transmit data. When the SCI detects that TSR is empty, it
transfers the transmit data written in TDR to TSR and starts transmission. The double-buffered
structures of TDR and TSR enable continuous serial transmission. If the next transmit data has
already been written to TDR during serial transmission, the SCI transfers the written data to TSR
to continue transmission. Although TDR can be read or written to by the CPU at all times, to
achieve reliable serial transmission, write transmit data to TDR for only once after confirming that
the TDRE bit in SSR is set to 1.
15.3.4
Transmit Shift Register (TSR)
TSR is a shift register that transmits serial data. To perform serial data transmission, the SCI first
transfers transmit data from TDR to TSR, then sends the data to the TxD pin starting. TSR cannot
be directly accessed by the CPU.
15.3.5
Serial Mode Register (SMR)
SMR is used to set the SCI’s serial transfer format and select the on-chip baud rate generator clock
source. Some bit functions of SMR differ in normal serial communication interface mode and
Smart Card interface mode.
Normal Serial Communication Interface Mode (When SMIF bit in SCMR is 0)
Bit
Bit Name
Initial Value
R/W
Description
7
C/
A
0
R/W
Communication Mode
0: Asynchronous mode
1: Clocked synchronous mode
6
CHR
0
R/W
Character Length (enabled only in asynchronous
mode)
0: Selects 8 bits as the data length.
1: Selects 7 bits as the data length. LSB-first is
fixed and the MSB (bit 7) of TDR is not
transmitted in transmission.
In clocked synchronous mode, a fixed data length
of 8 bits is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com