Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 871 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 871 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 867Page - Renesas Technology Corp H8S/2426 Datasheet HTML 868Page - Renesas Technology Corp H8S/2426 Datasheet HTML 869Page - Renesas Technology Corp H8S/2426 Datasheet HTML 870Page - Renesas Technology Corp H8S/2426 Datasheet HTML 871Page - Renesas Technology Corp H8S/2426 Datasheet HTML 872Page - Renesas Technology Corp H8S/2426 Datasheet HTML 873Page - Renesas Technology Corp H8S/2426 Datasheet HTML 874Page - Renesas Technology Corp H8S/2426 Datasheet HTML 875Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 871 / 1302 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 1.00 Sep. 19, 2008 Page 843 of 1270
REJ09B0466-0100
Smart Card Interface Mode (When SMIF bit in SCMR is 1)
Bit
Bit Name
Initial Value
R/W
Description
7
GM
0
R/W
GSM Mode
When this bit is set to 1, the SCI operates in GSM
mode. In GSM mode, the timing of the TEND
setting is advanced by 11.0 etu (Elementary Time
Unit: the time for transfer of 1 bit), and clock
output control mode addition is performed. For
details, refer to section 15.7.8, Clock Output
Control.
6
BLK
0
R/W
When this bit is set to 1, the SCI operates in block
transfer mode. For details on block transfer mode,
refer to section 15.7.3, Block Transfer Mode.
5
PE
0
R/W
Parity Enable (enabled only in asynchronous
mode)
When this bit is set to 1, the parity bit is added to
transmit data before transmission, and the parity
bit is checked in reception. In Smart Card interface
mode, this bit must be set to 1.
4
O/
E
0
R/W
Parity Mode (enabled only when the PE bit is 1 in
asynchronous mode)
0: Selects even parity.
1: Selects odd parity.
For details on setting this bit in Smart Card
interface mode, refer to section 15.7.2, Data
Format (Except for Block Transfer Mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com