Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 874 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 874 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 870Page - Renesas Technology Corp H8S/2426 Datasheet HTML 871Page - Renesas Technology Corp H8S/2426 Datasheet HTML 872Page - Renesas Technology Corp H8S/2426 Datasheet HTML 873Page - Renesas Technology Corp H8S/2426 Datasheet HTML 874Page - Renesas Technology Corp H8S/2426 Datasheet HTML 875Page - Renesas Technology Corp H8S/2426 Datasheet HTML 876Page - Renesas Technology Corp H8S/2426 Datasheet HTML 877Page - Renesas Technology Corp H8S/2426 Datasheet HTML 878Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 874 / 1302 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 1.00 Sep. 19, 2008 Page 846 of 1270
REJ09B0466-0100
Bit
Bit Name
Initial Value
R/W
Description
4
RE
0
R/W
Receive Enable
When this bit is set to 1, reception is enabled.
Serial reception is started in this state when a start
bit is detected in asynchronous mode or serial
clock input is detected in clocked synchronous
mode. SMR setting must be performed to decide
the transfer format before setting the RE bit to 1.
Clearing the RE bit to 0 does not affect the RDRF,
FER, PER, and ORER flags, which retain their
states.
3
MPIE
0
R/W
Multiprocessor Interrupt Enable (enabled only
when the MP bit in SMR is 1 in asynchronous
mode)
When this bit is set to 1, receive data in which the
multiprocessor bit is 0 is skipped, and setting of
the RDRF, FER, and ORER status flags in SSR is
prohibited. On receiving data in which the
multiprocessor bit is 1, this bit is automatically
cleared and normal reception is resumed. For
details, refer to section 15.5, Multiprocessor
Communication Function.
When receive data including MPB = 0 in SSR is
received, receive data transfer from RSR to RDR,
receive error detection, and setting of the RDRF,
FER, and ORER flags in SSR , is not performed.
When receive data including MPB = 1 is received,
the MPB bit in SSR is set to 1, the MPIE bit is
cleared to 0 automatically, and generation of RXI
and ERI interrupts (when the TIE and RIE bits in
SCR are set to 1) and FER and ORER flag setting
is enabled.
2
TEIE
0
R/W
Transmit End Interrupt Enable
When this bit is set to 1, TEI interrupt request is
enabled. TEI cancellation can be performed by
reading 1 from the TDRE flag in SSR, then
clearing it to 0 and clearing the TEND flag to 0, or
by clearing the TEIE bit to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com