Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 870 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 870 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 866Page - Renesas Technology Corp H8S/2426 Datasheet HTML 867Page - Renesas Technology Corp H8S/2426 Datasheet HTML 868Page - Renesas Technology Corp H8S/2426 Datasheet HTML 869Page - Renesas Technology Corp H8S/2426 Datasheet HTML 870Page - Renesas Technology Corp H8S/2426 Datasheet HTML 871Page - Renesas Technology Corp H8S/2426 Datasheet HTML 872Page - Renesas Technology Corp H8S/2426 Datasheet HTML 873Page - Renesas Technology Corp H8S/2426 Datasheet HTML 874Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 870 / 1302 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 1.00 Sep. 19, 2008 Page 842 of 1270
REJ09B0466-0100
Bit
Bit Name
Initial Value
R/W
Description
5
PE
0
R/W
Parity Enable (enabled only in asynchronous
mode)
When this bit is set to 1, the parity bit is added to
transmit data before transmission, and the parity
bit is checked in reception. For a multiprocessor
format, parity bit addition and checking are not
performed regardless of the PE bit setting.
4
O/
E
0
R/W
Parity Mode (enabled only when the PE bit is 1 in
asynchronous mode)
0: Selects even parity.
1: Selects odd parity.
3
STOP
0
R/W
Stop Bit Length (enabled only in asynchronous
mode)
Selects the stop bit length in transmission.
0: 1 stop bit
1: 2 stop bits
In reception, only the first stop bit is checked
regardless of the STOP bit setting. If the second
stop bit is 0, it is treated as the start bit of the next
transmit character.
2
MP
0
R/W
Multiprocessor Mode (enabled only in
asynchronous mode)
When this bit is set to 1, the multiprocessor
communication function is enabled. The PE bit
and O/
E bit settings are invalid in multiprocessor
mode.
1
0
CKS1
CKS0
0
0
R/W
R/W
Clock Select 1 and 0
These bits select the clock source for the on-chip
baud rate generator.
00:
φ clock (n = 0)
01:
φ/4 clock (n = 1)
10:
φ/16 clock (n = 2)
11:
φ/64 clock (n = 3)
For the relation between the bit rate register
setting and the baud rate, see section 15.3.9, Bit
Rate Register (BRR). n is the decimal display of
the value of n in BRR (see section 15.3.9, Bit Rate
Register (BRR)).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com