Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 882 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 882 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 878Page - Renesas Technology Corp H8S/2426 Datasheet HTML 879Page - Renesas Technology Corp H8S/2426 Datasheet HTML 880Page - Renesas Technology Corp H8S/2426 Datasheet HTML 881Page - Renesas Technology Corp H8S/2426 Datasheet HTML 882Page - Renesas Technology Corp H8S/2426 Datasheet HTML 883Page - Renesas Technology Corp H8S/2426 Datasheet HTML 884Page - Renesas Technology Corp H8S/2426 Datasheet HTML 885Page - Renesas Technology Corp H8S/2426 Datasheet HTML 886Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 882 / 1302 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 1.00 Sep. 19, 2008 Page 854 of 1270
REJ09B0466-0100
Smart Card Interface Mode (When SMIF bit in SCMR is 1)
Bit
Bit Name
Initial Value
R/W
Description
7
TDRE
1
R/(W)*
Transmit Data Register Empty
Indicates whether TDR contains transmit data.
[Setting conditions]
• When the TE bit in SCR is 0
• When data is transferred from TDR to TSR,
and data writing to TDR is enabled.
[Clearing conditions]
• When 0 is written to TDRE after reading TDRE
= 1
• When the DMAC or DTC is activated by a TXI
interrupt request and transfers data to TDR
6
RDRF
0
R/(W)*
Receive Data Register Full
Indicates that the received data is stored in RDR.
[Setting condition]
• When serial reception ends normally and
receive data is transferred from RSR to RDR
[Clearing conditions]
• When 0 is written to RDRF after reading RDRF
= 1
• When the DMAC or DTC is activated by an
RXI interrupt and transferred data from RDR
The RDRF flag is not affected and retains its
previous value when the RE bit in SCR is cleared
to 0. Exercise care because if reception of the
next data is completed while the RDRF flag is set
to 1, an overrun error occurs and receive data will
be lost.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com