Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 886 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 886 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 882Page - Renesas Technology Corp H8S/2426 Datasheet HTML 883Page - Renesas Technology Corp H8S/2426 Datasheet HTML 884Page - Renesas Technology Corp H8S/2426 Datasheet HTML 885Page - Renesas Technology Corp H8S/2426 Datasheet HTML 886Page - Renesas Technology Corp H8S/2426 Datasheet HTML 887Page - Renesas Technology Corp H8S/2426 Datasheet HTML 888Page - Renesas Technology Corp H8S/2426 Datasheet HTML 889Page - Renesas Technology Corp H8S/2426 Datasheet HTML 890Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 886 / 1302 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 1.00 Sep. 19, 2008 Page 858 of 1270
REJ09B0466-0100
15.3.8
Smart Card Mode Register (SCMR)
SCMR selects Smart Card interface mode and its format.
Bit
Bit Name
Initial Value
R/W
Description
7
BCP2
1
R/W
Basic Clock Pulse 2
Selects, in combination with the BCP1 and BCP0
bits in SMR, the number of basic clock cycles in a
1-bit transfer interval in Smart Card interface
mode.
For the settings, refer to section 15.3.5, Serial
Mode Register (SMR).
6 to 4
All 1
Reserved
These bits are always read as 1.
3
SDIR
0
R/W
Smart Card Data Transfer Direction
Selects the serial/parallel conversion format.
0: LSB-first in transfer
1: MSB-first in transfer
The bit setting is valid only when the transfer data
format is 8 bits. For 7-bit data, LSB-first is fixed.
2
SINV
0
R/W
Smart Card Data Invert
Specifies inversion of the data logic level. The
SINV bit does not affect the logic level of the parity
bit. To invert the parity bit, invert the O/
E bit in
SMR.
0: TDR contents are transmitted as they are.
Receive data is stored as it is in RDR.
1: TDR contents are inverted before being
transmitted. Receive data is stored in inverted
form in RDR.
1
1
Reserved
This bit is always read as 1.
0
SMIF
0
R/W
Smart Card Interface Mode Select
This bit is set to 1 to make the SCI operate in
Smart Card interface mode.
0: Normal asynchronous mode or clocked
synchronous mode
1: Smart Card interface mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com