Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 889 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 889 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 885Page - Renesas Technology Corp H8S/2426 Datasheet HTML 886Page - Renesas Technology Corp H8S/2426 Datasheet HTML 887Page - Renesas Technology Corp H8S/2426 Datasheet HTML 888Page - Renesas Technology Corp H8S/2426 Datasheet HTML 889Page - Renesas Technology Corp H8S/2426 Datasheet HTML 890Page - Renesas Technology Corp H8S/2426 Datasheet HTML 891Page - Renesas Technology Corp H8S/2426 Datasheet HTML 892Page - Renesas Technology Corp H8S/2426 Datasheet HTML 893Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 889 / 1302 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 1.00 Sep. 19, 2008 Page 861 of 1270
REJ09B0466-0100
Operating Frequency
φ (MHz)
12.288
14
14.7456
16
Bit Rate
(bit/s)
n
N
Error
(%)
n
N
Error
(%)
n
N
Error
(%)
n
N
Error
(%)
110
2
217
0.08
2
248
–0.17
3
64
0.69
3
70
0.03
150
2
159
0.00
2
181
0.16
2
191
0.00
2
207
0.16
300
2
79
0.00
2
90
0.16
2
95
0.00
2
103
0.16
600
1
159
0.00
1
181
0.16
1
191
0.00
1
207
0.16
1200
1
79
0.00
1
90
0.16
1
95
0.00
1
103
0.16
2400
0
159
0.00
0
181
0.16
0
191
0.00
0
207
0.16
4800
0
79
0.00
0
90
0.16
0
95
0.00
0
103
0.16
9600
0
39
0.00
0
45
–0.94
0
47
0.00
0
51
0.16
19200
0
19
0.00
0
22
–0.94
0
23
0.00
0
25
0.16
31250
0
11
2.34
0
13
0.00
0
14
–1.73
0
15
0.00
38400
0
9
0.00
0
11
0.00
0
12
0.16
Operating Frequency
φ (MHz)
17.2032
18
19.6608
20
Bit Rate
(bit/s)
n
N
Error
(%)
n
N
Error
(%)
n
N
Error
(%)
n
N
Error
(%)
110
3
75
0.48
3
79
–0.12
3
86
0.31
3
88
–0.25
150
2
223
0.00
2
233
0.16
2
255
0.00
3
64
0.16
300
2
111
0.00
2
116
0.16
2
127
0.00
2
129
0.16
600
1
223
0.00
1
233
0.16
1
255
0.00
2
64
0.16
1200
1
111
0.00
1
116
0.16
1
127
0.00
1
129
0.16
2400
0
223
0.00
0
233
0.16
0
255
0.00
1
64
0.16
4800
0
111
0.00
0
116
0.16
0
127
0.00
0
129
0.16
9600
0
55
0.00
0
58
–0.69
0
63
0.00
0
64
0.16
19200
0
27
0.00
0
28
1.01
0
31
0.00
0
32
–1.38
31250
0
16
1.20
0
17
0.00
0
19
–1.73
0
19
0.00
38400
0
13
0.00
0
14
–2.40
0
15
0.00
0
15
1.70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com