Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 888 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 888 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 884Page - Renesas Technology Corp H8S/2426 Datasheet HTML 885Page - Renesas Technology Corp H8S/2426 Datasheet HTML 886Page - Renesas Technology Corp H8S/2426 Datasheet HTML 887Page - Renesas Technology Corp H8S/2426 Datasheet HTML 888Page - Renesas Technology Corp H8S/2426 Datasheet HTML 889Page - Renesas Technology Corp H8S/2426 Datasheet HTML 890Page - Renesas Technology Corp H8S/2426 Datasheet HTML 891Page - Renesas Technology Corp H8S/2426 Datasheet HTML 892Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 888 / 1302 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 1.00 Sep. 19, 2008 Page 860 of 1270
REJ09B0466-0100
Table 15.3 shows sample N settings in BRR in normal asynchronous mode. Table 15.4 shows the
maximum bit rate for each frequency in normal asynchronous mode. Table 15.6 shows sample N
settings in BRR in clocked synchronous mode. Table 15.8 shows sample N settings in BRR in
Smart Card interface mode. In Smart Card interface mode, S (the number of basic clock cycles in
a 1-bit transfer interval) can be selected. For details, refer to section 15.7.4, Receive Data
Sampling Timing and Reception Margin. Tables 15.5 and 15.7 show the maximum bit rates with
external clock input.
Table 15.3
BRR Settings for Various Bit Rates (Asynchronous Mode)
Operating Frequency
φ (MHz)
8
9.8304
10
12
Bit Rate
(bit/s)
n
N
Error
(%)
n
N
Error
(%)
n
N
Error
(%)
n
N
Error
(%)
110
2
141
0.03
2
174
–0.26
2
177
–0.25
2
212
0.03
150
2
103
0.16
2
127
0.00
2
129
0.16
2
155
0.16
300
1
207
0.16
1
255
0.00
2
64
0.16
2
77
0.16
600
1
103
0.16
1
127
0.00
1
129
0.16
1
155
0.16
1200
0
207
0.16
0
255
0.00
1
64
0.16
1
77
0.16
2400
0
103
0.16
0
127
0.00
0
129
0.16
0
155
0.16
4800
0
51
0.16
0
63
0.00
0
64
0.16
0
77
0.16
9600
0
25
0.16
0
31
0.00
0
32
–1.38
0
38
0.16
19200
0
12
0.16
0
15
0.00
0
15
1.70
0
19
–2.40
31250
0
7
0.00
0
9
–1.73
0
9
0.00
0
11
0.00
38400
0
7
0.00
0
7
1.70
0
9
–2.40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com