Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 954 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 954 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 950Page - Renesas Technology Corp H8S/2426 Datasheet HTML 951Page - Renesas Technology Corp H8S/2426 Datasheet HTML 952Page - Renesas Technology Corp H8S/2426 Datasheet HTML 953Page - Renesas Technology Corp H8S/2426 Datasheet HTML 954Page - Renesas Technology Corp H8S/2426 Datasheet HTML 955Page - Renesas Technology Corp H8S/2426 Datasheet HTML 956Page - Renesas Technology Corp H8S/2426 Datasheet HTML 957Page - Renesas Technology Corp H8S/2426 Datasheet HTML 958Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 954 / 1302 page
background image
Section 16 I
2C Bus Interface 2 (IIC2)
Rev. 1.00 Sep. 19, 2008 Page 926 of 1270
REJ09B0466-0100
16.3.1
I
2C Bus Control Register A (ICCRA)
ICCRA is an 8-bit readable/writable register that enables or disables the I
2C bus interface, controls
transmission or reception, and selects master or slave mode, transmission or reception, and
transfer clock frequency in master mode.
Bit
Bit Name
Initial Value
R/W
Description
7
ICE
0
R/W
I
2C Bus Interface Enable
0: This module is halted.
1: This bit is enabled for transfer operations. (SCL
and SDA pins are bus drive state.)
6
RCVD
0
R/W
Reception Disable
This bit enables or disables the next operation
when TRS is 0 and ICDRR is read.
0: Enables next reception
1: Disables next reception
5
4
MST
TRS
0
0
R/W
R/W
Master/Slave Select
Transmit/Receive Select
When arbitration is lost in master mode, MST and
TRS are both reset by hardware, causing a
transition to slave receive mode. Modification of
the TRS bit should be made between transfer
frames. In addition, TRS is set to 1 automatically
in slave receive mode if the seventh bit of the start
condition matches the slave address set in SAR
and the eighth bit is set to 1.
Operating modes are described below according
to MST and TRS combination.
00: Slave receive mode
01: Slave transmit mode
10: Master receive mode
11: Master transmit mode
3
2
1
0
CKS3
CKS2
CKS1
CKS0
0
0
0
0
R/W
R/W
R/W
R/W
Transfer Clock Select 3 to 0
In the master mode, these bits should be set
according to the necessary transfer rate (see table
16.2). In the slave mode, they are used to secure
the data setup time in transmit mode. The data
setup time is 10 tcyc if CKS3 is cleared to 0 and
20 tcyc if CKS3 is set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com