Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 955 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 955 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 951Page - Renesas Technology Corp H8S/2426 Datasheet HTML 952Page - Renesas Technology Corp H8S/2426 Datasheet HTML 953Page - Renesas Technology Corp H8S/2426 Datasheet HTML 954Page - Renesas Technology Corp H8S/2426 Datasheet HTML 955Page - Renesas Technology Corp H8S/2426 Datasheet HTML 956Page - Renesas Technology Corp H8S/2426 Datasheet HTML 957Page - Renesas Technology Corp H8S/2426 Datasheet HTML 958Page - Renesas Technology Corp H8S/2426 Datasheet HTML 959Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 955 / 1302 page
background image
Section 16 I
2C Bus Interface 2 (IIC2)
Rev. 1.00 Sep. 19, 2008 Page 927 of 1270
REJ09B0466-0100
Table 16.2
Transfer Rate
Bit 3
Bit 2
Bit 1
Bit 0
Transfer Rate
CKS3
CKS2
CKS1
CKS0
Clock
φ = 8 MHz
φ = 10 MHz
φ = 20 MHz
φ = 25 MHz
φ = 33 MHz
0
φ/28
286 kHz
357 kHz
714 kHz*
893 kHz*
1179 kHz*
0
1
φ/40
200 kHz
250 kHz
500 kHz*
625 kHz*
825 kHz*
0
φ/48
167 kHz
208 kHz
417 kHz*
521 kHz*
688 kHz*
0
1
1
φ/64
125 kHz
156 kHz
313 kHz
391 kHz
516 kHz*
0
φ/168
47.6 kHz
59.5 kHz
119 kHz
149 kHz
196 kHz
0
1
φ/100
80.0 kHz
100 kHz
200 kHz
250 kHz
330 kHz
0
φ/112
71.4 kHz
89.3 kHz
179 kHz
223 kHz
295 kHz
0
1
1
1
φ/128
62.5 kHz
78.1 kHz
156 kHz
195 kHz
258 kHz
0
φ/56
143 kHz
179 kHz
357 kHz
446 kHz*
589 kHz*
0
1
φ/80
100 kHz
125 kHz
250 kHz
313 kHz
413 kHz*
0
φ/96
83.3 kHz
104 kHz
208 kHz
260 kHz
344 kHz
0
1
1
φ/128
62.5 kHz
78.1 kHz
156 kHz
195 kHz
258 kHz
0
φ/336
23.8 kHz
29.8 kHz
59.5 kHz
74.4 kHz
98.2 kHz
0
1
φ/200
40.0 kHz
50.0 kHz
100 kHz
125 kHz
165 kHz
0
φ/224
35.7 kHz
44.6 kHz
89.3 kHz
112 kHz
147 kHz
1
1
1
1
φ/256
31.3 kHz
39.1 kHz
78.1 kHz
97.7 kHz
129 kHz
Note:
*
Correct operation cannot be guaranteed since the transfer rate is beyond the I2C bus
interface specification (normal mode: maximum 100 kHz, high-speed mode: maximum
400 kHz).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com