Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 960 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 960 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 956Page - Renesas Technology Corp H8S/2426 Datasheet HTML 957Page - Renesas Technology Corp H8S/2426 Datasheet HTML 958Page - Renesas Technology Corp H8S/2426 Datasheet HTML 959Page - Renesas Technology Corp H8S/2426 Datasheet HTML 960Page - Renesas Technology Corp H8S/2426 Datasheet HTML 961Page - Renesas Technology Corp H8S/2426 Datasheet HTML 962Page - Renesas Technology Corp H8S/2426 Datasheet HTML 963Page - Renesas Technology Corp H8S/2426 Datasheet HTML 964Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 960 / 1302 page
background image
Section 16 I
2C Bus Interface 2 (IIC2)
Rev. 1.00 Sep. 19, 2008 Page 932 of 1270
REJ09B0466-0100
Bit
Bit Name
Initial Value
R/W
Description
4
NAKIE
0
R/W
NACK Receive Interrupt Enable
This bit enables or disables the NACK receive
interrupt request (NAKI) when the NACKF and AL
bits in ICSR are set to 1. NAKI can be canceled by
clearing the NACKF, AL, or NAKIE bit to 0.
0: NACK receive interrupt request (NAKI) is
disabled.
1: NACK receive interrupt request (NAKI) is
enabled.
3
STIE
0
R/W
Stop Condition Detection Interrupt Enable
0: Stop condition detection interrupt request
(STPI) is disabled.
1: Stop condition detection interrupt request
(STPI) is enabled.
2
ACKE
0
R/W
Acknowledge Bit Judgement Select
0: The value of the acknowledge bit is ignored,
and continuous transfer is performed.
1: If the acknowledge bit is 1, continuous transfer
is interrupted.
1
ACKBR
0
R
Receive Acknowledge
In transmit mode, this bit stores the acknowledge
data that are returned by the receive device. This
bit cannot be modified.
0: Receive acknowledge = 0
1: Receive acknowledge = 1
0
ACKBT
0
R/W
Transmit Acknowledge
In receive mode, this bit specifies the bit to be sent
at the acknowledge timing.
0: 0 is sent at the acknowledge timing.
1: 1 is sent at the acknowledge timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com