Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 962 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 962 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 958Page - Renesas Technology Corp H8S/2426 Datasheet HTML 959Page - Renesas Technology Corp H8S/2426 Datasheet HTML 960Page - Renesas Technology Corp H8S/2426 Datasheet HTML 961Page - Renesas Technology Corp H8S/2426 Datasheet HTML 962Page - Renesas Technology Corp H8S/2426 Datasheet HTML 963Page - Renesas Technology Corp H8S/2426 Datasheet HTML 964Page - Renesas Technology Corp H8S/2426 Datasheet HTML 965Page - Renesas Technology Corp H8S/2426 Datasheet HTML 966Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 962 / 1302 page
background image
Section 16 I
2C Bus Interface 2 (IIC2)
Rev. 1.00 Sep. 19, 2008 Page 934 of 1270
REJ09B0466-0100
Bit
Bit Name
Initial Value
R/W
Description
4
NACKF
0
R/W
No Acknowledge Detection Flag
[Setting condition]
• When no acknowledge is detected from the
receive device in transmission while the ACKE bit
in ICIER is 1.
[Clearing condition]
• When 0 is written in NACKF after reading NACKF
= 1.
3
STOP
0
R/W
Stop Condition Detection Flag
[Setting condition]
• In master mode, when a stop condition is
detected after frame transfer.
• In slave mode, when a stop condition is detected
after the general call address or the first byte
slave address, next to detection of start condition,
accords with the address set in SAR.
[Clearing condition]
• When 0 is written in STOP after reading STOP =
1.
2
AL
0
R/W
Arbitration Lost Flag
This flag indicates that arbitration was lost in master
mode.
When two or more master devices attempt to seize
the bus at nearly the same time, if the I
2C bus
interface detects data differing from the data it sent,
it sets AL to 1 to indicate that the bus has been taken
by another master.
[Setting conditions]
• If the internal SDA and SDA pin disagree at the
rise of SCL in master transmit mode.
• When the SDA pin outputs high in master mode
while a start condition is detected.
[Clearing condition]
• When 0 is written in AL after reading AL =1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com