Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 989 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 989 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 985Page - Renesas Technology Corp H8S/2426 Datasheet HTML 986Page - Renesas Technology Corp H8S/2426 Datasheet HTML 987Page - Renesas Technology Corp H8S/2426 Datasheet HTML 988Page - Renesas Technology Corp H8S/2426 Datasheet HTML 989Page - Renesas Technology Corp H8S/2426 Datasheet HTML 990Page - Renesas Technology Corp H8S/2426 Datasheet HTML 991Page - Renesas Technology Corp H8S/2426 Datasheet HTML 992Page - Renesas Technology Corp H8S/2426 Datasheet HTML 993Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 989 / 1302 page
background image
Section 17 A/D Converter
Rev. 1.00 Sep. 19, 2008 Page 961 of 1270
REJ09B0466-0100
17.3.1
A/D Data Registers A to H (ADDRA to ADDRH)
There are eight 16-bit read-only ADDR registers, ADDRA to ADDRH, used to store the results of
A/D conversion. The ADDR registers, which store a conversion result for each channel, are shown
in tables 17.3 and 17.4.
The converted 10-bit data is stored in bits 15 to 6. The lower 6-bit data is always read as 0.
The data bus between the CPU and the A/D converter has a 16-bit width. The data can be read
directly from the CPU. ADDR must not be accessed in 8-bit units and must be accessed in 16-bit
units.
Table 17.3
Analog Input Channels and Corresponding ADDR Registers (H8S/2426 Group
and H8S/2426R Group)
Analog Input Channel
Analog Input Channel
Channel Set 0
(CH3 = 0)
Data Register Storing
Conversion Result
Channel Set 0
(CH3 = 0)
Data Register Storing
Conversion Result
AN0
ADDRA_0
AN8
ADDRA_1
AN1
ADDRB_0
AN9
ADDRB_1
AN2
ADDRC_0
AN10
ADDRC_1
AN3
ADDRD_0
AN11
ADDRD_1
AN4
ADDRE_0
AN12
ADDRE_1
AN5
ADDRF_0
AN13
ADDRF_1
AN6
ADDRG_0
AN14
ADDRG_1
AN7
ADDRH_0
AN15
ADDRH_1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com