Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 993 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 993 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 989Page - Renesas Technology Corp H8S/2426 Datasheet HTML 990Page - Renesas Technology Corp H8S/2426 Datasheet HTML 991Page - Renesas Technology Corp H8S/2426 Datasheet HTML 992Page - Renesas Technology Corp H8S/2426 Datasheet HTML 993Page - Renesas Technology Corp H8S/2426 Datasheet HTML 994Page - Renesas Technology Corp H8S/2426 Datasheet HTML 995Page - Renesas Technology Corp H8S/2426 Datasheet HTML 996Page - Renesas Technology Corp H8S/2426 Datasheet HTML 997Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 993 / 1302 page
background image
Section 17 A/D Converter
Rev. 1.00 Sep. 19, 2008 Page 965 of 1270
REJ09B0466-0100
17.3.3
A/D Control/Status Register for Unit 1 (ADCSR_1)
ADCSR_1 controls A/D conversion operations.
Bit
Bit Name
Initial
Value
R/W
Description
7
ADF
0
R/(W)* A/D End Flag
A status flag that indicates the end of A/D conversion.
[Setting conditions]
• Completion of A/D conversion in single mode
• Completion of A/D conversion on all specified
channels in scan mode
[Clearing conditions]
• Writing of 0 after reading ADF = 1
• Reading from ADDR after activation of the DTC by an
ADI interrupt
6
ADIE
0
R/W
A/D Interrupt Enable
Setting this bit to 1 enables ADI interrupts by ADF.
5
ADST
0
R/W
A/D Start
Clearing this bit to 0 stops A/D conversion, and the A/D
converter enters wait state.
Setting this bit to 1 starts A/D conversion. In single mode,
this bit is cleared to 0 automatically when A/D conversion
on the specified channel ends. In scan mode, A/D
conversion continues sequentially on the specified
channels until this bit is cleared to 0 by software, a reset,
or hardware standby mode. While the ADSTCLR bit in
ADCR is set to 1, the ADST bit is cleared to 0
automatically when A/D conversion on all selected
channels ends, and then A/D conversion stops.
The timing to clear the ADST bit automatically differs from
that of ADF setting; the ADST bit is cleared before the
ADF bit is set.
4
EXCKS
0
R/W
Clock Extension Select
Specifies the A/D conversion time in combination with the
CKS1 and CKS0 bits in ADCR. Be sure to set these three
bits at one time. For details, see the description of the
ADCR resisters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com