Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 1016 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 1016 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 1012Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1013Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1014Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1015Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1016Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1017Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1018Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1019Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1020Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1016 / 1302 page
background image
Section 17 A/D Converter
Rev. 1.00 Sep. 19, 2008 Page 988 of 1270
REJ09B0466-0100
AVCC
*1
*1
Vref
AN0 to AN15*
AVSS
Notes:
Values are reference values.
1.
2. Rin: Input impedance
3. The H8S/2424 group has only AN0 to AN7, AN11, and AN12 as analog input pins.
Rin*2
3
100
Ω
0.1 µF
0.01 µF
10 µF
Figure 17.12 Example of Analog Input Protection Circuit
Table 17.9
Analog Pin Specifications
Item
Min.
Max.
Unit
Analog input capacitance
15
pF
Permissible signal source impedance
5
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com