Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 1020 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 1020 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 1016Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1017Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1018Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1019Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1020Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1021Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1022Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1023Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1024Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1020 / 1302 page
background image
Section 18 D/A Converter
Rev. 1.00 Sep. 19, 2008 Page 992 of 1270
REJ09B0466-0100
18.3
Register Descriptions
The D/A converter has the following registers.
• D/A data register 2 (DADR2)
• D/A data register 3 (DADR3)
• D/A control register 23 (DACR23)
18.3.1
D/A Data Registers 2 and 3 (DADR2 and DADR3)
DADR2 and DADR3 are 8-bit readable/writable registers that store data for conversion.
Whenever analog output is enabled, the values in DADR are converted and output to the analog
output pins.
18.3.2
D/A Control Register 23 (DACR23)
DACR23 controls the operation of channels 2 and 3 in the D/A converter.
Bit
Bit Name
Initial
Value
R/W
Description
7
DAOE3
0
R/W
D/A Output Enable 3
Controls D/A conversion and analog output.
0: Channel 3 analog output (DA3) is disabled.
1: Channel 3 D/A conversion is enabled; channel 3
analog output (DA3) is enabled.
6
DAOE2
0
R/W
D/A Output Enable 2
Controls D/A conversion and analog output.
0: Channel 2 analog output (DA2) is disabled.
1: Channel 2 D/A conversion is enabled; channel 2
analog output (DA2) is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com