Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 1030 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 1030 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 1026Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1027Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1028Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1029Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1030Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1031Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1032Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1033Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1034Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1030 / 1302 page
background image
Section 19 Synchronous Serial Communication Unit (SSU)
Rev. 1.00 Sep. 19, 2008 Page 1002 of 1270
REJ09B0466-0100
19.3.1
SS Control Register H (SSCRH)
SSCRH specifies master/slave device selection, bidirectional mode enable, SSO pin output value
selection, SSCK pin selection, and
SCS pin selection.
Bit
Bit Name
Initial
Value
R/W
Description
7
MSS
0
R/W
Master/Slave Device Select
Selects that this module is used in master mode or
slave mode. When master mode is selected, transfer
clocks are output from the SSCK pin. When the CE bit
in SSSR is set, this bit is automatically cleared.
0: Slave mode is selected.
1: Master mode is selected.
6
BIDE
0
R/W
Bidirectional Mode Enable
Selects that both serial data input pin and output pin are
used or one of them is used. However, transmission
and reception are not performed simultaneously when
bidirectional mode is selected. For details, section
19.4.3, Relationship between Data Input/Output Pins
and Shift Register.
0: Standard mode (two pins are used for data input and
output)
1: Bidirectional mode (one pin is used for data input and
output)
5
0
R/W
Reserved
This bit is always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com