Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 1031 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 1031 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 1027Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1028Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1029Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1030Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1031Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1032Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1033Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1034Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1035Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1031 / 1302 page
background image
Section 19 Synchronous Serial Communication Unit (SSU)
Rev. 1.00 Sep. 19, 2008 Page 1003 of 1270
REJ09B0466-0100
Bit
Bit Name
Initial
Value
R/W
Description
4
SOL
0
R/W
Serial Data Output Value Select
The serial data output retains its level of the last bit
after completion of transmission. The output level
before or after transmission can be specified by setting
this bit. When specifying the output level, use the MOV
instruction after clearing the SOLP bit to 0. Since writing
to this bit during data transmission causes malfunctions,
this bit should not be changed.
0: Serial data output is changed to low.
1: Serial data output is changed to high.
3
SOLP
1
R/W
SOL Bit Write Protect
When changing the output level of serial data, set the
SOL bit to 1 or clear the SOL bit to 0 after clearing the
SOLP bit to 0 using the MOV instruction.
0: Output level can be changed by the SOL bit
1: Output level cannot be changed by the SOL bit. This
bit is always read as 1.
2
SCKS
0
R/W
SSCK Pin Select
Selects that the SSCK pin functions as a port or a serial
clock pin. When the SSCK pin is used as a serial clock
pin, this bit must be set to 1.
0: Functions as an I/O port.
1: Functions as a serial clock.
1
0
CSS1
CSS0
0
0
R/W
R/W
SCS Pin Select
Select that the
SCS pin functions as a port or SCS input
or output. However, when MSS
= 0, the
SCS pin
functions as an input pin regardless of the CSS1 and
CSS0 settings.
00: I/O port
01: Function as
SCS input
10: Function as
SCS automatic input/output (function as
SCS input before and after transfer and output a
low level during transfer)
11: Function as
SCS automatic output (outputs a high
level before and after transfer and outputs a low
level during transfer)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com