Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 1098 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 1098 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 1094Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1095Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1096Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1097Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1098Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1099Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1100Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1101Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1098 / 1302 page
background image
Section 21 Flash Memory
Rev. 1.00 Sep. 19, 2008 Page 1070 of 1270
REJ09B0466-0100
All of these commands, except for the boot program status inquiry command (H'4F), will be valid
until the boot program receives the programming/erasing transition command (H'40). The host can
choose the needed commands out of the commands and inquiries listed above. The boot program
status inquiry command (H'4F) is valid even after the boot program has received the
programming/erasing transition command (H'40).
(a) Supported Device Inquiry
The boot program will return the device codes of supported devices and the product name in
response to the supported device inquiry.
Command
H'20
• Command, H'20, (one byte): Inquiry regarding supported devices
Response
H'30
Size
Number of devices
Number of
characters
Device code
Product name
···
SUM
• Response, H'30, (one byte): Response to the supported device inquiry
• Size (one byte): Number of bytes to be transmitted, excluding the command, size, and
checksum, that is, the amount of data contributes by the number of devices, characters, device
codes and product names
• Number of devices (one byte): The number of device types supported by the boot program
• Number of characters (one byte): The number of characters in the device codes and boot
program’s name
• Device code (four bytes): ASCII code of the supporting product
• Product name (n bytes): Type name of the boot program in ASCII-coded characters
• SUM (one byte): Checksum
The checksum is calculated so that the total of all values from the command byte to the SUM
byte becomes H'00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com