Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 1102 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 1102 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 1098Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1099Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1100Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1101Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1102Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1103Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1104Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1105Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1102 / 1302 page
background image
Section 21 Flash Memory
Rev. 1.00 Sep. 19, 2008 Page 1074 of 1270
REJ09B0466-0100
(f)
Operating Clock Frequency Inquiry
The boot program will return the number of operating clock frequencies, and the maximum and
minimum values.
Command
H'23
• Command, H'23, (one byte): Inquiry regarding operating clock frequencies
Response
H'33
Size
Number of operating clock
frequencies
Minimum value of operating
clock frequency
Maximum value of operating clock
frequency
···
SUM
• Response, H'33, (one byte): Response to operating clock frequency inquiry
• Size (one byte): The number of bytes that represents the minimum values, maximum values,
and the number of frequencies.
• Number of operating clock frequencies (one byte): The number of supported operating clock
frequency types
(e.g. when there are two operating clock frequency types, which are the main and peripheral
clocks, the number of types will be H'02.)
• Minimum value of operating clock frequency (two bytes): The minimum value of the
multiplied or divided clock frequency.
The minimum and maximum values represent the values in MHz, valid to the hundredths place
of MHz, and multiplied by 100 (e.g. when the value is 64 MHz, it will be 6400 and H'1900).
• Maximum value (two bytes): Maximum value of the multiplied or divided clock frequencies.
There are as many pairs of minimum and maximum values as there are operating clock
frequency.
• SUM (one byte): Checksum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com