Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 1164 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 1164 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 1160Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1161Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1162Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1163Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1164Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1165Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1166Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1167Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1168Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1164 / 1302 page
background image
Section 25 List of Registers
Rev. 1.00 Sep. 19, 2008 Page 1136 of 1270
REJ09B0466-0100
Register Name
Abbreviation
Number
of Bits
Address
Module
Data
Width
Access
States
Port H register
PORTH
8
H'FF70
PORT
8
2
Port J register
PORTJ
8
H'FF71
PORT
8
2
Port H data register
PHDR
8
H'FF72
PORT
8
2
Port J data register
PJDR
8
H'FF73
PORT
8
2
Port H data direction register
PHDDR
8
H'FF74
PORT
8
2
Port J data direction register
PJDDR
8
H'FF75
PORT
8
2
Serial mode register_0
SMR_0
8
H'FF78
SCI_0
8
2
Bit rate register_0
BRR_0
8
H'FF79
SCI_0
8
2
Serial control register_0
SCR_0
8
H'FF7A
SCI_0
8
2
Transmit data register_0
TDR_0
8
H'FF7B
SCI_0
8
2
Serial status register_0
SSR_0
8
H'FF7C
SCI_0
8
2
Receive data register_0
RDR_0
8
H'FF7D
SCI_0
8
2
Smart card mode register_0
SCMR_0
8
H'FF7E
SCI_0
8
2
Serial mode register_1
SMR_1
8
H'FF80
SCI_1
8
2
Bit rate register_1
BRR_1
8
H'FF81
SCI_1
8
2
Serial control register_1
SCR_1
8
H'FF82
SCI_1
8
2
Transmit data register_1
TDR_1
8
H'FF83
SCI_1
8
2
Serial status register_1
SSR_1
8
H'FF84
SCI_1
8
2
Receive data register_1
RDR_1
8
H'FF85
SCI_1
8
2
Smart card mode register_1
SCMR_1
8
H'FF86
SCI_1
8
2
Serial mode register_2
SMR_2
8
H'FF88
SCI_2
8
2
Bit rate register_2
BRR_2
8
H'FF89
SCI_2
8
2
Serial control register_2
SCR_2
8
H'FF8A
SCI_2
8
2
Transmit data register_2
TDR_2
8
H'FF8B
SCI_2
8
2
Serial status register_2
SSR_2
8
H'FF8C
SCI_2
8
2
Receive data register_2
RDR_2
8
H'FF8D
SCI_2
8
2
Smart card mode register_2
SCMR_2
8
H'FF8E
SCI_2
8
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com