Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 1162 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 1162 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 1158Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1159Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1160Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1161Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1162Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1163Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1164Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1165Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1166Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1162 / 1302 page
background image
Section 25 List of Registers
Rev. 1.00 Sep. 19, 2008 Page 1134 of 1270
REJ09B0466-0100
Register Name
Abbreviation
Number
of Bits
Address
Module
Data
Width
Access
States
DTC enable register G
DTCERG
8
H'FF2E
DTC
16
2
DTC enable register H
DTCERH
8
H'FF2F
DTC
16
2
DTC vector register
DTVECR
8
H'FF30
DTC
16
2
Interrupt control register
INTCR
8
H'FF31
INT
16
2
IRQ enable register
IER
16
H'FF32
INT
16
2
IRQ status register
ISR
16
H'FF34
INT
16
2
Standby control register
SBYCR
8
H'FF3A
SYSTEM
8
2
System clock control register
SCKCR
8
H'FF3B
SYSTEM
8
2
System control register
SYSCR
8
H'FF3D
SYSTEM
8
2
Mode control register
MDCR
8
H'FF3E
SYSTEM
8
2
Module stop control register H
MSTPCRH
8
H'FF40
SYSTEM
8
2
Module stop control register L
MSTPCRL
8
H'FF41
SYSTEM
8
2
Extension module stop control
register H
EXMSTPCRH
8
H’FF42
SYSTEM
8
2
Extension module stop control
register L
EXMSTPCRL
8
H’FF43
SYSTEM
8
2
PLL control register
PLLCR
8
H'FF45
SYSTEM
8
2
PPG output control register
PCR
8
H'FF46
PPG
8
2
PPG output mode register
PMR
8
H'FF47
PPG
8
2
Next data enable register H
NDERH
8
H'FF48
PPG
8
2
Next data enable register L
NDERL
8
H'FF49
PPG
8
2
Output data register H
PODRH
8
H'FF4A
PPG
8
2
Output data register L
PODRL
8
H'FF4B
PPG
8
2
Next data register H*
1
NDRHH
8
H'FF4C
PPG
8
2
Next data register L*
1
NDRLH
8
H'FF4D
PPG
8
2
Next data register H*
1
NDRHL
8
H'FF4E
PPG
8
2
Next data register L*
1
NDRLL
8
H'FF4F
PPG
8
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com