Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 1158 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 1158 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 1154Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1155Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1156Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1157Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1158Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1159Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1160Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1161Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1162Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1158 / 1302 page
background image
Section 25 List of Registers
Rev. 1.00 Sep. 19, 2008 Page 1130 of 1270
REJ09B0466-0100
Register Name
Abbreviation
Number
of Bits
Address
Module
Data
Width
Access
States
Port 8 data direction register
P8DDR
8
H'FE27
PORT
8
2
Port A data direction register
PADDR
8
H'FE29
PORT
8
2
Port B data direction register
PBDDR
8
H'FE2A
PORT
8
2
Port C data direction register
PCDDR
8
H'FE2B
PORT
8
2
Port D data direction register
PDDDR
8
H'FE2C
PORT
8
2
Port E data direction register
PEDDR
8
H'FE2D
PORT
8
2
Port F data direction register
PFDDR
8
H'FE2E
PORT
8
2
Port G data direction register
PGDDR
8
H'FE2F
PORT
8
2
Port function control register 0
PFCR0
8
H'FE32
PORT
8
2
Port function control register 1
PFCR1
8
H'FE33
PORT
8
2
Port function control register 2
PFCR2
8
H'FE34
PORT
8
2
Port A pull-up MOS control register
PAPCR
8
H'FE36
PORT
8
2
Port B pull-up MOS control register
PBPCR
8
H'FE37
PORT
8
2
Port C pull-up MOS control register
PCPCR
8
H'FE38
PORT
8
2
Port D pull-up MOS control register
PDPCR
8
H'FE39
PORT
8
2
Port E pull-up MOS control register
PEPCR
8
H'FE3A
PORT
8
2
Port 3 open drain control register
P3ODR
8
H'FE3C
PORT
8
2
Port A open drain control register
PAODR
8
H'FE3D
PORT
8
2
Serial mode register_3
SMR_3
8
H'FE40
SCI_3
8
2
Bit rate register_3
BRR_3
8
H'FE41
SCI_3
8
2
Serial control register_3
SCR_3
8
H'FE42
SCI_3
8
2
Transmit data register_3
TDR_3
8
H'FE43
SCI_3
8
2
Serial status register_3
SSR_3
8
H'FE44
SCI_3
8
2
Receive data register_3
RDR_3
8
H'FE45
SCI_3
8
2
Smart card mode register_3
SCMR_3
8
H'FE46
SCI_3
8
2
Serial mode register_4
SMR_4
8
H'FE48
SCI_4
8
2
Bit rate register_4
BRR_4
8
H'FE49
SCI_4
8
2
Serial control register_4
SCR_4
8
H'FE4A
SCI_4
8
2
Transmit data register_4
TDR_4
8
H'FE4B
SCI_4
8
2
Serial status register_4
SSR_4
8
H'FE4C
SCI_4
8
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com