Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 1155 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 1155 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 1151Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1152Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1153Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1154Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1155Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1156Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1157Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1158Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1159Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1155 / 1302 page
background image
Section 25 List of Registers
Rev. 1.00 Sep. 19, 2008 Page 1127 of 1270
REJ09B0466-0100
Register Name
Abbreviation
Number
of Bits
Address
Module
Data
Width
Access
States
Port E open drain control register
PEODR
8
H'FD48
PORT
8
2
Port F open drain control register
PFODR
8
H'FD49
PORT
8
2
Port G open drain control register
PGODR
8
H'FD4A
PORT
8
2
Port H open drain control register
PHODR
8
H'FD4B
PORT
8
2
Port J open drain control register
PJODR
8
H'FD4C
PORT
8
2
I
2C bus control register A_0
ICCRA_0
8
H'FD58
IIC2_0
8
2
I
2C bus control register B_0
ICCRB_0
8
H'FD59
IIC2_0
8
2
I
2C bus mode register_0
ICMR_0
8
H'FD5A
IIC2_0
8
2
I
2C bus interrupt enable register_0
ICIER_0
8
H'FD5B
IIC2_0
8
2
I
2C bus status register_0
ICSR_0
8
H'FD5C
IIC2_0
8
2
Slave address register_0
SAR_0
8
H'FD5D
IIC2_0
8
2
I
2C transfer data register_0
ICDRT_0
8
H'FD5E
IIC2_0
8
2
I
2C receive data register_0
ICDRR_0
8
H'FD5F
IIC2_0
8
2
I
2C bus control register A_1
ICCRA_1
8
H'FD60
IIC2_1
8
2
I
2C bus control register B_1
ICCRB_1
8
H'FD61
IIC2_1
8
2
I
2C bus mode register_1
ICMR_1
8
H'FD62
IIC2_1
8
2
I
2C bus interrupt enable register_1
ICIER_1
8
H'FD63
IIC2_1
8
2
I
2C bus status register_1
ICSR_1
8
H'FD64
IIC2_1
8
2
Slave address register_1
SAR_1
8
H'FD65
IIC2_1
8
2
I
2C transfer data register_1
ICDRT_1
8
H'FD66
IIC2_1
8
2
I
2C receive data register_1
ICDRR_1
8
H'FD67
IIC2_1
8
2
I
2C bus control register A_2
ICCRA_2
8
H'FD68
IIC2_2
8
2
I
2C bus control register B_2
ICCRB_2
8
H'FD69
IIC2_2
8
2
I
2C bus mode register_2
ICMR_2
8
H'FD6A
IIC2_2
8
2
I
2C bus interrupt enable register_2
ICIER_2
8
H'FD6B
IIC2_2
8
2
I
2C bus status register_2
ICSR_2
8
H'FD6C
IIC2_2
8
2
Slave address register_2
SAR_2
8
H'FD6D
IIC2_2
8
2
I
2C transfer data register_2
ICDRT_2
8
H'FD6E
IIC2_2
8
2
I
2C receive data register_2
ICDRR_2
8
H'FD6F
IIC2_2
8
2
I
2C bus control register A_3
ICCRA_3
8
H'FD70
IIC2_3
8
2
I
2C bus control register B_3
ICCRB_3
8
H'FD71
IIC2_3
8
2
I
2C bus mode register_3
ICMR_3
8
H'FD72
IIC2_3
8
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com