Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 1156 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 1156 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 1152Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1153Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1154Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1155Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1156Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1157Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1158Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1159Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1160Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1156 / 1302 page
background image
Section 25 List of Registers
Rev. 1.00 Sep. 19, 2008 Page 1128 of 1270
REJ09B0466-0100
Register Name
Abbreviation
Number
of Bits
Address
Module
Data
Width
Access
States
I
2C bus interrupt enable register_3
ICIER_3
8
H'FD73
IIC2_3
8
2
I
2C bus status register_3
ICSR_3
8
H'FD74
IIC2_3
8
2
Slave address register_3
SAR_3
8
H'FD75
IIC2_3
8
2
I
2C transfer data register_3
ICDRT_3
8
H'FD76
IIC2_3
8
2
I
2C receive data register_3
ICDRR_3
8
H'FD77
IIC2_3
8
2
Serial expansion mode register_2
SEMR_2
8
H'FDA8
SCI_2
8
2
SS control register H
SSCRH
8
H'FDB0
SSU
16
2
SS control register L
SSCRL
8
H'FDB1
SSU
16
2
SS mode register
SSMR
8
H'FDB2
SSU
16
2
SS enable register
SSER
8
H'FDB3
SSU
16
2
SS status register
SSSR
8
H'FDB4
SSU
16
2
SS control register 2
SSCR2
8
H'FDB5
SSU
16
2
SS transmit data register 0
SSTDR0
8
H'FDB6
SSU
16
2
SS transmit data register 1
SSTDR1
8
H'FDB7
SSU
16
2
SS transmit data register 2
SSTDR2
8
H'FDB8
SSU
16
2
SS transmit data register 3
SSTDR3
8
H'FDB9
SSU
16
2
SS receive data register 0
SSRDR0
8
H'FDBA
SSU
16
2
SS receive data register 1
SSRDR1
8
H'FDBB
SSU
16
2
SS receive data register 2
SSRDR2
8
H'FDBC
SSU
16
2
SS receive data register 3
SSRDR3
8
H'FDBD
SSU
16
2
EXDMA source address register_2
EDSAR_2
32
H'FDE0
EXDMAC_
2*
3
16
2
EXDMA destination address
register_2
EDDAR_2
32
H'FDE4
EXDMAC_
2*
3
16
2
EXDMA transfer count register_2
EDTCR_2
32
H'FDE8
EXDMAC_
2*
3
16
2
EXDMA mode control register_2
EDMDR_2
16
H'FDEC
EXDMAC_
2*
3
16
2
EXDMA address control register_2
EDACR_2
16
H'FDEE
EXDMAC_
2*
3
16
2
EXDMA source address register_3
EDSAR_3
32
H'FDF0
EXDMAC_
3*
3
16
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com