Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 1152 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 1152 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 1148Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1149Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1150Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1151Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1152Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1153Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1154Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1155Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1156Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1152 / 1302 page
background image
Section 25 List of Registers
Rev. 1.00 Sep. 19, 2008 Page 1124 of 1270
REJ09B0466-0100
25.1
Register Addresses (Address Order)
The data bus width indicates the numbers of bits by which the register is accessed.
The number of access states indicates the number of states based on the specified reference clock.
Register Name
Abbreviation
Number
of Bits
Address
Module
Data
Width
Access
States
DTC mode register A
MRA
8
DTC
16/32
2
DTC source address register
SAR
24
DTC
16/32
2
DTC mode register B
MRB
8
DTC
16/32
2
DTC destination address register
DAR
24
DTC
16/32
2
DTC transfer count register A
CRA
16
DTC
16/32
2
DTC transfer count register B
CRB
16
H'BC00 to
H'BFFF
DTC
16/32
2
RAM module stop control register H
RMMSTPCRH 8
H'FC80
SYSTEM
8
2
RAM module stop control register L
RMMSTPCRL
8
H'FC81
SYSTEM
8
2
Interrupt priority register L
IPRL
16
H'FC90
INT
16
2
Interrupt priority register M
IPRM
16
H'FC92
INT
16
2
Interrupt priority register N
IPRN
16
H'FC94
INT
16
2
DTC enable register I
DTCERI
8
H'FC96
DTC
16
2
DTC control register
DTCCR
8
H'FC98
DTC
16
2
A/D data register A_1
ADDRA_1
16
H'FCA0
A/D_1
16
2
A/D data register B_1
ADDRB_1
16
H'FCA2
A/D_1
16
2
A/D data register C_1
ADDRC_1
16
H'FCA4
A/D_1
16
2
A/D data register D_1
ADDRD_1
16
H'FCA6
A/D_1
16
2
A/D data register E_1
ADDRE_1
16
H'FCA8
A/D_1
16
2
A/D data register F_1
ADDRF_1
16
H'FCAA
A/D_1
16
2
A/D data register G_1
ADDRG_1
16
H'FCAC
A/D_1
16
2
A/D data register H_1
ADDRH_1
16
H'FCAE
A/D_1
16
2
A/D control/status register_1
ADCSR_1
8
H'FCB0
A/D_1
16
2
A/D control register_1
ADCR_1
8
H'FCB1
A/D_1
16
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com