Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 119 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 119 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 115Page - Renesas Technology Corp H8S/2426 Datasheet HTML 116Page - Renesas Technology Corp H8S/2426 Datasheet HTML 117Page - Renesas Technology Corp H8S/2426 Datasheet HTML 118Page - Renesas Technology Corp H8S/2426 Datasheet HTML 119Page - Renesas Technology Corp H8S/2426 Datasheet HTML 120Page - Renesas Technology Corp H8S/2426 Datasheet HTML 121Page - Renesas Technology Corp H8S/2426 Datasheet HTML 122Page - Renesas Technology Corp H8S/2426 Datasheet HTML 123Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 1302 page
background image
Section 4 Exception Handling
Rev. 1.00 Sep. 19, 2008 Page 91 of 1270
REJ09B0466-0100
Section 4 Exception Handling
4.1
Exception Handling Types and Priority
As table 4.1 indicates, exception handling may be caused by a reset, trace, interrupt, illegal
instruction, or trap instruction. Exception handling is prioritized as shown in table 4.1. If two or
more exceptions occur simultaneously, they are accepted and processed in order of priority.
Exception sources, the stack structure, and operation of the CPU vary depending on the interrupt
control mode. For details on the interrupt control mode, refer to section 5, Interrupt Controller.
Table 4.1
Exception Types and Priority
Priority
Exception Type
Start of Exception Handling
High
Reset
Starts immediately after a low-to-high transition at the
RES
pin, or when the watchdog timer overflows. The CPU enters
the reset state when the
RES pin is low.
Illegal instruction
Starts when execution of an illegal instruction code is
detected.
Trace*
1
Starts when execution of the currently executed instruction
or exception handling ends, if the trace (T) bit in the EXR is
set to 1.
Direct transition*
2
Starts when the direct transition occurs by execution of the
SLEEP instruction.
Interrupt
Starts when execution of the current instruction or
exception handling ends, if an interrupt request has been
issued. *
3
Low
Trap instruction*
4
Started by execution of a trap instruction (TRAPA)
Notes: 1. Traces are enabled only in interrupt control mode 2. Trace exception handling is not
executed after execution of an RTE instruction.
2. Not available in this LSI.
3. Interrupt detection is not performed on completion of ANDC, ORC, XORC, or LDC
instruction execution, or on completion of reset exception handling.
4. Trap instruction exception handling requests are accepted at all times in program
execution state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com