Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 121 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 121 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 117Page - Renesas Technology Corp H8S/2426 Datasheet HTML 118Page - Renesas Technology Corp H8S/2426 Datasheet HTML 119Page - Renesas Technology Corp H8S/2426 Datasheet HTML 120Page - Renesas Technology Corp H8S/2426 Datasheet HTML 121Page - Renesas Technology Corp H8S/2426 Datasheet HTML 122Page - Renesas Technology Corp H8S/2426 Datasheet HTML 123Page - Renesas Technology Corp H8S/2426 Datasheet HTML 124Page - Renesas Technology Corp H8S/2426 Datasheet HTML 125Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 1302 page
background image
Section 4 Exception Handling
Rev. 1.00 Sep. 19, 2008 Page 93 of 1270
REJ09B0466-0100
Vector Address*
1
Exception Source
Vector Number
Normal Mode*
2
Advanced Mode
External interrupt
IRQ7
23
H'002E to H'002F
H'005C to H'005F
IRQ8*
5
24
H'0030 to H'0031
H'0060 to H'0063
IRQ9*
5
25
H'0032 to H'0033
H'0064 to H'0067
IRQ10*
5
26
H'0034 to H'0035
H'0068 to H'006B
IRQ11*
5
27
H'0036 to H'0037
H'006C to H'006F
IRQ12*
5
28
H'0038 to H'0039
H'0070 to H'0073
External interrupt
IRQ13*
5
29
H'003A to H'003B
H'0074 to H'0077
IRQ14*
5
30
H'003C to H'003D
H'0078 to H'007B
IRQ15*
5
31
H'003E to H'003F
H'007C to H'007F
Internal interrupt*
4
32
157
H'0040 to H'0041
H'013A to H'013B
H'0080 to H'0083
H'0274 to H'0277
Notes: 1. Lower 16 bits of the address.
2. Not available in this LSI.
3. Not available in this LSI. It is reserved for system use.
4. For details of internal interrupt vectors, see section 5.5, Interrupt Exception Handling
Vector Table.
5. Reserved for system use in the H8S/2424 Group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com