Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 125 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 125 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 121Page - Renesas Technology Corp H8S/2426 Datasheet HTML 122Page - Renesas Technology Corp H8S/2426 Datasheet HTML 123Page - Renesas Technology Corp H8S/2426 Datasheet HTML 124Page - Renesas Technology Corp H8S/2426 Datasheet HTML 125Page - Renesas Technology Corp H8S/2426 Datasheet HTML 126Page - Renesas Technology Corp H8S/2426 Datasheet HTML 127Page - Renesas Technology Corp H8S/2426 Datasheet HTML 128Page - Renesas Technology Corp H8S/2426 Datasheet HTML 129Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 1302 page
background image
Section 4 Exception Handling
Rev. 1.00 Sep. 19, 2008 Page 97 of 1270
REJ09B0466-0100
4.4
Trace Exception Handling
Traces are enabled in interrupt control mode 2. Trace mode is not activated in interrupt control
mode 0, irrespective of the state of the T bit. For details on interrupt control modes, see section 5,
Interrupt Controller.
If the T bit in EXR is set to 1, trace mode is activated. In trace mode, a trace exception occurs on
completion of each instruction. Trace mode is not affected by interrupt masking. Table 4.3 shows
the state of CCR and EXR after execution of trace exception handling. Trace mode is canceled by
clearing the T bit in EXR to 0. The T bit saved on the stack retains its value of 1, and when control
is returned from the trace exception handling routine by the RTE instruction, trace mode resumes.
Trace exception handling is not carried out after execution of the RTE instruction.
Interrupts are accepted even within the trace exception handling routine.
Table 4.3
Status of CCR and EXR after Trace Exception Handling
CCR
EXR
Interrupt Control Mode
I
UI
I2 to I0
T
0
Trace exception handling cannot be used.
2
1
—
—
0
[Legend]
1:
Set to 1
0:
Cleared to 0
—:
Retains value prior to execution
4.5
Interrupt Exception Handling
Interrupts are controlled by the interrupt controller. The interrupt controller has two interrupt
control modes and can assign interrupts other than NMI to eight priority/mask levels to enable
multiplexed interrupt control. The source to start interrupt exception handling and the vector
address differ depending on the product. For details, refer to section 5, Interrupt Controller.
The interrupt exception handling is as follows:
1. The values in the program counter (PC), condition code register (CCR), and extended register
(EXR) are saved in the stack.
2. The interrupt mask bit is updated and the T bit is cleared to 0.
3. A vector address corresponding to the interrupt source is generated, the start address is loaded
from the vector table to the PC, and program execution starts from that address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com