| Electronic Components Datasheet Search |
|
H8S/2426 Datasheet(PDF) 204 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426 Datasheet(HTML) 204 Page - Renesas Technology Corp |
|
204 / 1302 page ![]() Section 6 Bus Controller (BSC) Rev. 1.00 Sep. 19, 2008 Page 176 of 1270 REJ09B0466-0100 Bit Bit Name Initial Value R/W Description 10 0 R/W Reserved This bit can be read from or written to. However, the write value should always be 0. 9 8 RCD1 RCD0 0 0 R/W R/W RAS-CAS Wait Control These bits select a wait cycle to be inserted between the RAS assert cycle and CAS assert cycle. A 1- to 4-state wait cycle can be inserted. 00: Wait cycle not inserted 01: 1-state wait cycle inserted 10: 2-state wait cycle inserted 11: 3-state wait cycle inserted 7 to 4 All 0 R/W Reserved These bits can be read from or written to. However, the write value should always be 0. 3 CKSPE* 0 R/W Clock Suspend Enable Enables clock suspend mode for extend read data during DMAC and EXDMAC single address transfer with the synchronous DRAM interface. 0: Disables clock suspend mode 1: Enables clock suspend mode 2 0 R/W Reserved This bit can be read from or written to. However, the write value should always be 0. 1 0 RDXC1* RDXC0* 0 0 R/W R/W Read Data Extension Cycle Number Selection Selects the number of read data extension cycle (Tsp) insertion state in clock suspend mode. These bits are valid when the CKSPE bit is set to 1. 00: Inserts 1 state 01: Inserts 2 state 10: Inserts 3 state 11: Inserts 4 state Note: * Not supported by the H8S/2426 Group and H8S/2424 Group. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |