Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 207 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 207 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 203Page - Renesas Technology Corp H8S/2426 Datasheet HTML 204Page - Renesas Technology Corp H8S/2426 Datasheet HTML 205Page - Renesas Technology Corp H8S/2426 Datasheet HTML 206Page - Renesas Technology Corp H8S/2426 Datasheet HTML 207Page - Renesas Technology Corp H8S/2426 Datasheet HTML 208Page - Renesas Technology Corp H8S/2426 Datasheet HTML 209Page - Renesas Technology Corp H8S/2426 Datasheet HTML 210Page - Renesas Technology Corp H8S/2426 Datasheet HTML 211Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 179 of 1270
REJ09B0466-0100
Bit
Bit Name
Initial Value
R/W
Description
11
—
0
R/W
Reserved
This bit can be read from or written to. However,
the write value should always be 0.
10
9
8
RTCK2
RTCK1
RTCK0
0
0
0
R/W
R/W
R/W
Refresh Counter Clock Select
These bits select the clock to be used to
increment the refresh counter. When the input
clock is selected with bits RTCK2 to RTCK0, the
refresh counter begins counting up.
000: Count operation halted
001: Count on
φ/2
010: Count on
φ/8
011: Count on
φ/32
100: Count on
φ/128
101: Count on
φ/512
110: Count on
φ/2048
111: Count on
φ/4096
7
RFSHE
0
R/W
Refresh Control
Refresh control can be performed. When refresh
control is not performed, the refresh timer can be
used as an interval timer.
0: Refresh control is not performed
1: Refresh control is performed
6
CBRM
0
R/W
CBR Refresh Mode
Selects CBR refreshing performed in parallel with
other external accesses, or execution of CBR
refreshing alone.
When the continuous synchronous DRAM space
is set, this bit can be read/written, but the setting
contents do not affect operations.
0: External access during CAS-before-RAS
refreshing is enabled
1: External access during CAS-before-RAS
refreshing is disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com