Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 243 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 243 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 239Page - Renesas Technology Corp H8S/2426 Datasheet HTML 240Page - Renesas Technology Corp H8S/2426 Datasheet HTML 241Page - Renesas Technology Corp H8S/2426 Datasheet HTML 242Page - Renesas Technology Corp H8S/2426 Datasheet HTML 243Page - Renesas Technology Corp H8S/2426 Datasheet HTML 244Page - Renesas Technology Corp H8S/2426 Datasheet HTML 245Page - Renesas Technology Corp H8S/2426 Datasheet HTML 246Page - Renesas Technology Corp H8S/2426 Datasheet HTML 247Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 215 of 1270
REJ09B0466-0100
When consecutively reading from the same area connected to a peripheral LSI whose output
floating time is long, data outputs from the peripheral LSI may conflict with address outputs from
this LSI. The data conflict can be avoided by inserting the
CS assertion period extension cycle
after the access cycle. Figure 6.32 shows an example of the operation. In the figure, both bus
cycles A and B are read access cycles to the same area which is address/data multiplexed I/O
space. (a) shows an example of conflict occurring between data outputs from the peripheral LSI
whose output floating time is long and address outputs from this LSI because the
CS assertion
period extension cycle is not inserted. (b) shows an example of the data conflict being avoided by
inserting the
CS assertion period extension cycle.
Bus cycle A
Data bus
Bus cycle B
Output floating
time is long
Data conflict
(b) With
CS assertion period extension cycle
(CSXTn = 1)
WR
RD
CS
Bus cycle A
Bus cycle B
WR
RD
CS
φ
Address bus
φ
Address bus
Data bus
(a) Without
CS assertion period extension cycle
(CSXTn = 0)
Figure 6.32 Consecutive Read Accesses to Same Area
(Address/Data Multiplexed I/O Space)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com