Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 245 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 245 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 241Page - Renesas Technology Corp H8S/2426 Datasheet HTML 242Page - Renesas Technology Corp H8S/2426 Datasheet HTML 243Page - Renesas Technology Corp H8S/2426 Datasheet HTML 244Page - Renesas Technology Corp H8S/2426 Datasheet HTML 245Page - Renesas Technology Corp H8S/2426 Datasheet HTML 246Page - Renesas Technology Corp H8S/2426 Datasheet HTML 247Page - Renesas Technology Corp H8S/2426 Datasheet HTML 248Page - Renesas Technology Corp H8S/2426 Datasheet HTML 249Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 217 of 1270
REJ09B0466-0100
Table 6.6
Relation between Settings of Bits MXC2 to MXC0 and Address Multiplexing
DRAMCR
Address Pins
MXC2
MXC1
MXC0
Shift
Size
A23
to
A16 A15 A14 A13 A12 A11 A10 A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
0
8 bits
A23
to
A16
A23 A22 A21 A20 A19 A18 A17 A16 A15 A14 A13 A12 A11 A10
A9
A8
0
1
9 bits
A23
to
A16
A15 A23 A22 A21 A20 A19 A18 A17 A16 A15 A14 A13 A12 A11 A10
A9
0
10 bits
A23
to
A16
A15 A14 A23 A22 A21 A20 A19 A18 A17 A16 A15 A14 A13 A12 A11 A10
0
1
1
11 bits
A23
to
A16
A15 A14 A13 A23 A22 A21 A20 A19 A18 A17 A16 A15 A14 A13 A12 A11
Row
address
1
×
×
Reserved (setting prohibited)
0
×
×
A23
to
A16
A15 A14 A13 A12 A11 A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
Column
address
1
×
×
Reserved (setting prohibited)
Legend:
×: Don’t care.
6.7.3
Data Bus
If a bit in ABWCR corresponding to an area designated as DRAM space is set to 1, that area is
designated as 8-bit DRAM space; if the bit is cleared to 0, the area is designated as 16-bit DRAM
space. In 16-bit DRAM space,
×16-bit configuration DRAM can be connected directly.
In 8-bit DRAM space the upper half of the data bus, D15 to D8, is enabled, while in 16-bit DRAM
space both the upper and lower halves of the data bus, D15 to D0, are enabled.
Access sizes and data alignment are the same as for the basic bus interface: see section 6.5.1, Data
Size and Data Alignment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com