Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 295 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 295 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 291Page - Renesas Technology Corp H8S/2426 Datasheet HTML 292Page - Renesas Technology Corp H8S/2426 Datasheet HTML 293Page - Renesas Technology Corp H8S/2426 Datasheet HTML 294Page - Renesas Technology Corp H8S/2426 Datasheet HTML 295Page - Renesas Technology Corp H8S/2426 Datasheet HTML 296Page - Renesas Technology Corp H8S/2426 Datasheet HTML 297Page - Renesas Technology Corp H8S/2426 Datasheet HTML 298Page - Renesas Technology Corp H8S/2426 Datasheet HTML 299Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 267 of 1270
REJ09B0466-0100
TRc2
φ
SDRAM
φ
RAS
CAS
WE
CKE
NOP
PALL
NOP
ACTV
NOP
NOP
DQMU, DQML
Data bus
Address bus
TRp1
TRp2
Tp
Tr
Tc1
Tcl
Tc2
Row address
Column address
Column address
Precharge-sel
Row address
Continuous synchronous DRAM space write
Software
standby
Figure 6.70 Example of Timing when Precharge Time after Self-Refreshing Is Extended
by 2 States (TPCS2 to TPCS0 = H'2, TPC1 = 0, TPC0 = 0, CAS Latency 2)
(3) Refreshing and All-Module-Clocks-Stopped Mode
In this LSI, if the ACSE bit is set to 1 in MSTPCRH, and then a SLEEP instruction is executed
with the setting for all peripheral module clocks to be stopped (MSTPCR = H'FFFF, EXMSTPCR
= H'FFFF) or for operation of the 8-bit timer module alone (MSTPCR = H'FFFE, EXMSTPCR =
H'FFFF), and a transition is made to the sleep state, the all-module-clocks-stopped mode is
entered, in which the bus controller and I/O port clocks are also stopped.
As the bus controller clock is also stopped in this mode, auto refreshing is not executed. If
synchronous DRAM is connected to the external address space and DRAM data is to be retained
in sleep mode, the ACSE bit must be cleared to 0 in MSTPCR.
(4) Software Standby
When a transition is made to normal software standby, the PALL command is not output. If
synchronous DRAM is connected and DRAM data is to be retained in software standby, self-
refreshing must be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com