Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 297 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 297 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 293Page - Renesas Technology Corp H8S/2426 Datasheet HTML 294Page - Renesas Technology Corp H8S/2426 Datasheet HTML 295Page - Renesas Technology Corp H8S/2426 Datasheet HTML 296Page - Renesas Technology Corp H8S/2426 Datasheet HTML 297Page - Renesas Technology Corp H8S/2426 Datasheet HTML 298Page - Renesas Technology Corp H8S/2426 Datasheet HTML 299Page - Renesas Technology Corp H8S/2426 Datasheet HTML 300Page - Renesas Technology Corp H8S/2426 Datasheet HTML 301Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 297 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 269 of 1270
REJ09B0466-0100
6.8.15
DMAC and EXDMAC Single Address Transfer Mode and Synchronous DRAM
Interface
When burst mode is selected on the synchronous DRAM interface, the
DACK and EDACK output
timing can be selected with the DDS and EDDS bits in DRAMCR. When continuous synchronous
DRAM space is accessed in DMAC/EXDMAC single address mode at the same time, these bits
select whether or not burst access is to be performed. The establishment time for the read data can
be extended in the clock suspend mode irrespective of the settings of the DDS and EDDS bits.
(1) Output Timing of
DACK or EDACK
When DDS = 1 or EDDS = 1: Burst access is performed by determining the address only,
irrespective of the bus master. With the synchronous DRAM interface, the
DACK or EDACK
output goes low from the T
c1 state.
Figure 6.72 shows the
DACK or EDACK output timing for the synchronous DRAM interface
when DDS = 1 or EDDS = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com