Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 301 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 301 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 297Page - Renesas Technology Corp H8S/2426 Datasheet HTML 298Page - Renesas Technology Corp H8S/2426 Datasheet HTML 299Page - Renesas Technology Corp H8S/2426 Datasheet HTML 300Page - Renesas Technology Corp H8S/2426 Datasheet HTML 301Page - Renesas Technology Corp H8S/2426 Datasheet HTML 302Page - Renesas Technology Corp H8S/2426 Datasheet HTML 303Page - Renesas Technology Corp H8S/2426 Datasheet HTML 304Page - Renesas Technology Corp H8S/2426 Datasheet HTML 305Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 273 of 1270
REJ09B0466-0100
(2) Read Data Extension
If the CKSPE bit is set to 1 in DRACCR when the continuous synchronous DRAM space is read-
accessed in DMAC/EXDMAC single address mode, the establishment time for the read data can
be extended by clock suspend mode. The number of states for insertion of the read data extension
cycle (Tsp) is set in bits RDXC1 and RDXC0 in DRACCR. Be sure to set the OEE bit to 1 in
DRAMCR when the read data will be extended. The extension of the read data is not in
accordance with the bits DDS and EDDS.
Figure 6.74 shows the timing chart when the read data is extended by two cycles.
Address bus
φ
SDRAM
φ
Column address
Row
address
Row
address
Column
address
Data bus
Tp
Tr
Tc2
Tcl
Tsp2
Tsp1
Tc1
RAS
CAS
WE
CKE
PALL ACTV
NOP
READ
DQMU, DQML
DACK or EDACK
Precharge-sel
Figure 6.74 Example of Timing when the Read Data Is Extended by Two States
(DDS = 1, or EDDS = 1, RDXC1 = 0, RDXC0 = 1, CAS Latency 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com