Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 302 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 302 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 298Page - Renesas Technology Corp H8S/2426 Datasheet HTML 299Page - Renesas Technology Corp H8S/2426 Datasheet HTML 300Page - Renesas Technology Corp H8S/2426 Datasheet HTML 301Page - Renesas Technology Corp H8S/2426 Datasheet HTML 302Page - Renesas Technology Corp H8S/2426 Datasheet HTML 303Page - Renesas Technology Corp H8S/2426 Datasheet HTML 304Page - Renesas Technology Corp H8S/2426 Datasheet HTML 305Page - Renesas Technology Corp H8S/2426 Datasheet HTML 306Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 274 of 1270
REJ09B0466-0100
6.9
Burst ROM Interface
In this LSI, external address space areas 0 and 1 can be designated as burst ROM space, and burst
ROM interfacing performed. The burst ROM space enables ROM with burst access capability to
be accessed at high speed.
Areas 1 and 0 can be designated as burst ROM space by means of bits BSRM1 and BSRM0 in
BROMCR. Continuous burst accesses of 4, 8, 16, or 32 words can be performed, according to the
setting of the BSWD11 and BSWD10 bits in BROMCR. From 1 to 8 states can be selected for
burst access.
Settings can be made independently for area 0 and area 1.
In burst ROM space, burst access covers only CPU read accesses.
6.9.1
Basic Timing
The number of access states in the initial cycle (full access) on the burst ROM interface is
determined by the basic bus interface settings in ASTCR, ABWCR, WTCRA, WTCRB, and
CSACRH. When area 0 or area 1 is designated as burst ROM space, the settings in RDNCR and
CSACRL are ignored.
From 1 to 8 states can be selected for the burst cycle, according to the settings of bits BSTS02 to
BSTS00 and BSTS12 to BSTS10 in BROMCR. Wait states cannot be inserted. Burst access of up
to 32 words is performed, according to the settings of bits BSTS01, BSTS00, BSTS11, and
BSTS10 in BROMCR.
The basic access timing for burst ROM space is shown in figures 6.75 and 6.76.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com