Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 317 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 317 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 313Page - Renesas Technology Corp H8S/2426 Datasheet HTML 314Page - Renesas Technology Corp H8S/2426 Datasheet HTML 315Page - Renesas Technology Corp H8S/2426 Datasheet HTML 316Page - Renesas Technology Corp H8S/2426 Datasheet HTML 317Page - Renesas Technology Corp H8S/2426 Datasheet HTML 318Page - Renesas Technology Corp H8S/2426 Datasheet HTML 319Page - Renesas Technology Corp H8S/2426 Datasheet HTML 320Page - Renesas Technology Corp H8S/2426 Datasheet HTML 321Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 317 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 289 of 1270
REJ09B0466-0100
(b) Normal space access after DRAM space write access
While the ICIS2 bit is set to 1 in BCR and a normal space read access occurs after DRAM space
write access, idle cycle is inserted in the first read cycle. The number of states of the idle cycle to
be inserted is in accordance with the setting of the IDLC bit. It does not depend on the DRMI bit
in DRACCR. Figure 6.90 shows an example of idle cycle operation when the ICIS2 bit is set to 1.
Tp
Address bus
φ
RD
RAS
HWR, LWR
UCAS, LCAS
External space read
Idle cycle
Data bus
Tr
Tc1
Tc2
T1
DRAM space read
DRAM space read
T2
Tc2
T3
Ti
Tc1
Figure 6.90 Example of Idle Cycle Operation after DRAM Write Access
(IDLC = 0, ICIS1 = 0, RAST = 0, CAST = 0)
(8) Idle Cycle in Case of Normal Space Access after Continuous Synchronous DRAM
Space Access:
Note:
The synchronous DRAM interface is not supported by the H8S/2426 Group and H8S/2424
Group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com