Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 318 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 318 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 314Page - Renesas Technology Corp H8S/2426 Datasheet HTML 315Page - Renesas Technology Corp H8S/2426 Datasheet HTML 316Page - Renesas Technology Corp H8S/2426 Datasheet HTML 317Page - Renesas Technology Corp H8S/2426 Datasheet HTML 318Page - Renesas Technology Corp H8S/2426 Datasheet HTML 319Page - Renesas Technology Corp H8S/2426 Datasheet HTML 320Page - Renesas Technology Corp H8S/2426 Datasheet HTML 321Page - Renesas Technology Corp H8S/2426 Datasheet HTML 322Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 318 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 290 of 1270
REJ09B0466-0100
(a) Normal space access after a continuous synchronous DRAM space read access
While the DRMI bit is cleared to 0 in DRACCR, idle cycle insertion after continuous synchronous
DRAM space read access is disabled. Idle cycle insertion after continuous synchronous DRAM
space read access can be enabled by setting the DRMI bit to 1. The conditions and number of
states of the idle cycle to be inserted are in accordance with the settings of bits ICIS1, ICIS0, and
IDLC in RCR. Figure 6.91 shows an example of idle cycle operation when the DRMI bit is set to
1. When the DRMI bit is cleared to 0, an idle cycle is not inserted after continuous synchronous
DRAM space read access even if bits ICIS1 and ICIS0 are set to 1.
Tp
Address bus
Idle cycle
Data bus
Tr
Tc1
Tcl
Tc2
T3
Ti
Tc1
Continuous synchronous
DRAM space read
External space read
Continuous synchronous
DRAM space read
T2
Ti
T1
RAS
CAS
WE
RD
CKE
High
PALL
ACTV READ
NOP
NOP
READ
DQMU, DQML
TCl
Tc2
Precharge-sel
φ
External address
External address
Column address 1
Column address 2
Row
address
Row
address
Column
address
Figure 6.91 Example of Idle Cycle Operation after Continuous Synchronous DRAM Space
Read Access (Read between Different Area) (IDLC = 0, CAS Latency 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com