Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 29Page - Renesas Technology Corp H8S/2426R Datasheet HTML 30Page - Renesas Technology Corp H8S/2426R Datasheet HTML 31Page - Renesas Technology Corp H8S/2426R Datasheet HTML 32Page - Renesas Technology Corp H8S/2426R Datasheet HTML 33Page - Renesas Technology Corp H8S/2426R Datasheet HTML 34Page - Renesas Technology Corp H8S/2426R Datasheet HTML 35Page - Renesas Technology Corp H8S/2426R Datasheet HTML 36Page - Renesas Technology Corp H8S/2426R Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 1302 page
background image
Section 1 Overview
Rev. 1.00 Sep. 19, 2008 Page 5 of 1270
REJ09B0466-0100
Type
Module/
Function
Description
A/D
converter
A/D converter
(ADC)
• Two units
• 10-bit resolution
• Number of input channels
H8S/2426 Group and H8S/2426R Group: 16 channels
 Unit 0: 8 channels
 Unit 1: 8 channels
H8S/2424 Group: 10 channels
 Unit 0: 8 channels
 Unit 1: 2 channels
• Sample and hold functionality
• Conversion time: 4.0 µs per channel (when A/D conversion
clock is set to 10 MHz)
• Two kinds of operating modes (single mode and scan mode)
• Three types of A/D conversion start (software, trigger by timer
(TPU or TMR), or external trigger)
D/A
converter
D/A converter
(DAC)
• Resolution (8 bits) × Number of output channels (2 channels)
• Conversion time: Maximum 10 µs (with 20-pF load)
• Output voltage: 0 V to Vref
Timer
16-bit timer pulse
unit (TPU)
• 16-bit timer × 12 channels (general pulse timer unit)
• Eight counter input clocks can be selected for each channel
• Maximum 16-pulse input/output (when external expanded
mode is set)
• Maximum 32-pulse input/output (when single-chip mode is
set)
• Counter clear operation, simultaneous write to multiple timer
counters (TCNT), simultaneous clearing by compare match
and input capture, register simultaneous input/output possible
by counter synchronous operation, and maximum of 15-phase
PWM output by combination with synchronous operation
• Buffer operation, phase counting mode (two-phase encoder
input), and cascaded operation settable for channels
• Input capture function
• Output compare function (waveform output at compare match)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com