Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 52Page - Renesas Technology Corp H8S/2426R Datasheet HTML 53Page - Renesas Technology Corp H8S/2426R Datasheet HTML 54Page - Renesas Technology Corp H8S/2426R Datasheet HTML 55Page - Renesas Technology Corp H8S/2426R Datasheet HTML 56Page - Renesas Technology Corp H8S/2426R Datasheet HTML 57Page - Renesas Technology Corp H8S/2426R Datasheet HTML 58Page - Renesas Technology Corp H8S/2426R Datasheet HTML 59Page - Renesas Technology Corp H8S/2426R Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 1302 page
background image
Section 1 Overview
Rev. 1.00 Sep. 19, 2008 Page 28 of 1270
REJ09B0466-0100
1.4.3
Pin Functions
Table 1.5
Pin Functions
Pin No.
H8S/2426, H8S/2426R
H8S/2424
Type
Symbol
FP-144LV
TLP-145V
FP-120BV
I/O
Function
Power
supply
V
CC
4, 72, 98,
99
B2, N12, E11,
E13
2, 60, 83,
84
Input
For connection to the power
supply. V
CC pins should be
connected to the system
power supply.
V
SS
2, 10, 18,
25, 50, 70,
95, 102
A1, E2, F4, H1,
N5, M11, E10,
F11
8, 17, 22,
58, 80, 87
Input
For connection to ground. V
SS
pins should be connected to
the system power supply (0
V).
PLLV
CC
91
H13
76
Input
Power supply pin for the on-
chip PLL oscillator.
PLLV
SS
93
G13
78
Input
Ground pin for the on-chip
PLL oscillator.
VCL
41
L3
33
Output This pin must not be
connected to the power
supply and should be
connected to the V
SS pin via a
0.1-
µF (recommended value)
capacitor (place it close to
pin).
Clock
XTAL
96
F12
81
Input
For connection to a crystal
oscillator. See section 23,
Clock Pulse Generator, for
typical connection diagrams
for a crystal resonator and
external clock input.
EXTAL
97
F13
82
Input
For connection to a crystal
oscillator. The EXTAL pin can
also input an external clock.
See section 23, Clock Pulse
Generator, for typical
connection diagrams for a
crystal resonator and external
clock input.
φ
94
F10
79
Output Supplies the system clock to
external devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com