Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 60Page - Renesas Technology Corp H8S/2426R Datasheet HTML 61Page - Renesas Technology Corp H8S/2426R Datasheet HTML 62Page - Renesas Technology Corp H8S/2426R Datasheet HTML 63Page - Renesas Technology Corp H8S/2426R Datasheet HTML 64Page - Renesas Technology Corp H8S/2426R Datasheet HTML 65Page - Renesas Technology Corp H8S/2426R Datasheet HTML 66Page - Renesas Technology Corp H8S/2426R Datasheet HTML 67Page - Renesas Technology Corp H8S/2426R Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 1302 page
background image
Section 1 Overview
Rev. 1.00 Sep. 19, 2008 Page 36 of 1270
REJ09B0466-0100
Pin No.
H8S/2426, H8S/2426R
H8S/2424
Type
Symbol
FP-144LV
TLP-145V
FP-120BV
I/O
Function
8-bit timer
(TMR)
TMO0-A
TMO1-A
TMO0-B
TMO1-B
105
106
135
61
D12
C13
C6
M8
46
47
111
50
Output Waveform output pins with
output compare function.
TMCI0-A
TMCI1-A
TMCI0-B
TMCI1-B
83
104
134
59
J10
D10
B5
K8
44
45
110
85
Input
External event input pins.
TMRI0-A
TMRI1-A
TMRI0-B
TMRI1-B
81
82
133
33
J12
K13
A6
L2
42
43
109
86
Input
Counter reset input pins.
Watchdog
timer
(WDT)
WDTOVF 39
M3
31
Output Counter overflow signal
output pin in watchdog timer
mode.
TxD4-A
TxD4-B
TxD3
TxD2
TxD1
TxD0/
IrTxD
54
24
33
133
141
142
K6
J4
L2
A6
B3
C4
45
23
86
109
117
118
Output Data output pins.
Serial
commu-
nication
interface
(SCI)/
Smart
Card
interface
(SCI_0
with IrDA
function)
RxD4-A
RxD4-B
RxD3
RxD2
RxD1
RxD0/
IrRxD
55
26
59
134
139
140
K7
J2
K8
C5
A4
46
24
85
110
115
116
Input
Data input pins.
SCK4-A
SCK4-B
SCK3
SCK2
SCK1
SCK0
138
27
61
135
137
138
B4
H3
M8
C6
A5
B4
114
25
50
111
113
114
Input/
output
Clock input/output pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com