Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 53Page - Renesas Technology Corp H8S/2426R Datasheet HTML 54Page - Renesas Technology Corp H8S/2426R Datasheet HTML 55Page - Renesas Technology Corp H8S/2426R Datasheet HTML 56Page - Renesas Technology Corp H8S/2426R Datasheet HTML 57Page - Renesas Technology Corp H8S/2426R Datasheet HTML 58Page - Renesas Technology Corp H8S/2426R Datasheet HTML 59Page - Renesas Technology Corp H8S/2426R Datasheet HTML 60Page - Renesas Technology Corp H8S/2426R Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 1302 page
background image
Section 1 Overview
Rev. 1.00 Sep. 19, 2008 Page 29 of 1270
REJ09B0466-0100
Pin No.
H8S/2426, H8S/2426R
H8S/2424
Type
Symbol
FP-144LV
TLP-145V
FP-120BV
I/O
Function
Clock
SDRAM
φ*1 36
M1
Output When a synchronous DRAM
is connected, this pin is
connected to the CLK pin of
the synchronous DRAM. For
details, refer to section 6, Bus
Controller (BSC).
Operating
mode
control
MD2
MD1
MD0
1
144
143
B1
A2
A3
1
120
119
Input
These pins set the operating
mode. These pins should not
be changed during operation.
System
control
RES
92
G12
77
Input
Reset pin. When this pin is
driven low, the chip is reset.
STBY
103
D13
88
Input
When this pin is driven low, a
transition is made to hardware
standby mode.
EMLE
32
K1
30
Input
On-chip emulator enable pin.
When the on-chip emulator is
used, this pin should be fixed
high. At this time, pins P53,
PG4 to PG6, and
WDTOVF
are used exclusively by the
on-chip emulator. Therefore,
the corresponding pin
functions of those pins are not
available. When the on-chip
emulator is not used, this pin
should be fixed low.
BSCANE*
2
L9
Input
Boundary scan enable pin.
When the boundary scan
function is used, this pin
should be fixed high. At this
time, pins P53, PG4 to PG6,
and
WDTOVF are used
exclusively for boundary scan.
Therefore, the corresponding
pin functions of those pins are
not available. When the
boundary scan function is not
used, this pin should be fixed
low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com