Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 26Page - Renesas Technology Corp H8S/2426R Datasheet HTML 27Page - Renesas Technology Corp H8S/2426R Datasheet HTML 28Page - Renesas Technology Corp H8S/2426R Datasheet HTML 29Page - Renesas Technology Corp H8S/2426R Datasheet HTML 30Page - Renesas Technology Corp H8S/2426R Datasheet HTML 31Page - Renesas Technology Corp H8S/2426R Datasheet HTML 32Page - Renesas Technology Corp H8S/2426R Datasheet HTML 33Page - Renesas Technology Corp H8S/2426R Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 1302 page
background image
Section 1 Overview
Rev. 1.00 Sep. 19, 2008 Page 2 of 1270
REJ09B0466-0100
Table 1.1
Overview of Specifications
Type
Module/
Function
Description
ROM
Expanded ROM: Flash memory version,
256 Kbytes and 128 Kbytes
ROM-less version
Memory
RAM
RAM size: 64 Kbytes (in planning) and 48 Kbytes
CPU
• 16-bit high-speed H8S/2600 CPU (CISC type)
Upward-compatible with H8/300, H8/300H, and H8S CPUs on
an object level
• General register mode (Sixteen 16-bit general registers)
• Eight addressing modes
• Address space: 4 Gbytes (program: 4 Gbytes, data: 4 Gbytes)
• Number of basic instructions
69 types (arithmetic and logic, multiply and divide, bit-
manipulation, and multiply-and-accumulate instructions)
• Minimum instruction execution time (ns)
30.3 ns when system clock
φ = 33 MHz and Vcc = 3.0 to 3.6 V
(ADD instruction)
• Multiplier is included (16 × 16 → 32 bits)
• Multiply-and-accumulate instructions are supported (16 × 16 +
32
→ 32 bits)
CPU
Operating mode
Advanced mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com