Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 333 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 333 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 329Page - Renesas Technology Corp H8S/2426R Datasheet HTML 330Page - Renesas Technology Corp H8S/2426R Datasheet HTML 331Page - Renesas Technology Corp H8S/2426R Datasheet HTML 332Page - Renesas Technology Corp H8S/2426R Datasheet HTML 333Page - Renesas Technology Corp H8S/2426R Datasheet HTML 334Page - Renesas Technology Corp H8S/2426R Datasheet HTML 335Page - Renesas Technology Corp H8S/2426R Datasheet HTML 336Page - Renesas Technology Corp H8S/2426R Datasheet HTML 337Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 333 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 305 of 1270
REJ09B0466-0100
6.15
Usage Notes
6.15.1
External Bus Release Function and All-Module-Clocks-Stopped Mode
In this LSI, if the ACSE bit is set to 1 in MSTPCR, and then a SLEEP instruction is executed with
the setting for all peripheral module clocks to be stopped (MSTPCR = H'FFFF, EXMSTPCR =
H'FFFF) or for operation of the 8-bit timer module alone (MSTPCR = H'FFFE, EXMSTPCR =
H'FFFF), and a transition is made to the sleep state, the all-module-clocks-stopped mode is entered
in which the clock is also stopped for the bus controller and I/O ports. In this state, the external
bus release function is halted. To use the external bus release function in sleep mode, the ACSE
bit in MSTPCR must be cleared to 0. Conversely, if a SLEEP instruction to place the chip in all-
module-clocks-stopped mode is executed in the external bus released state, the transition to all-
module-clocks-stopped mode is deferred and performed until after the bus is recovered.
6.15.2
External Bus Release Function and Software Standby
In this LSI, internal bus master operation does not stop even while the bus is released, as long as
the program is running in on-chip ROM, etc., and no external access occurs. If a SLEEP
instruction to place the chip in software standby mode is executed while the external bus is
released, the transition to software standby mode is deferred and performed after the bus is
recovered.
Also, since clock oscillation halts in software standby mode, if
BREQ goes low in this mode,
indicating an external bus release request, the request cannot be answered until the chip has
recovered from the software standby state.
6.15.3
External Bus Release Function and CBR Refreshing/Auto Refreshing
CBR refreshing/auto refreshing cannot be executed while the external bus is released. Setting the
BREQOE bit to 1 in BCR beforehand enables the
BREQO signal to be output when a CBR
refresh/auto refresh request is issued.
Note:
The auto refresh control function is not supported by the H8S/2426 Group and H8S/2424
Group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com