Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 363 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 363 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 359Page - Renesas Technology Corp H8S/2426R Datasheet HTML 360Page - Renesas Technology Corp H8S/2426R Datasheet HTML 361Page - Renesas Technology Corp H8S/2426R Datasheet HTML 362Page - Renesas Technology Corp H8S/2426R Datasheet HTML 363Page - Renesas Technology Corp H8S/2426R Datasheet HTML 364Page - Renesas Technology Corp H8S/2426R Datasheet HTML 365Page - Renesas Technology Corp H8S/2426R Datasheet HTML 366Page - Renesas Technology Corp H8S/2426R Datasheet HTML 367Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 363 / 1302 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 335 of 1270
REJ09B0466-0100
Figure 7.2 shows the transfer areas for activating the DTC with a channel 0A transfer end interrupt
request, and reactivating channel 0A. The address register and count register areas are set again
during the first DTC transfer, then the control register area is set again during the second DTC
chain transfer. When re-setting the control register area, perform masking by setting bits in
DMAWER to prevent modification of the contents of other channels.
DTC
MAR_0AH
MAR_0AL
IOAR_0A
ETCR_0A
MAR_0BH
MAR_0BL
IOAR_0B
ETCR_0B
MAR_1AH
MAR_1AL
IOAR_1A
ETCR_1A
MAR_1BH
MAR_1BL
IOAR_1B
ETCR_1B
DMATCR
DMACR_0B
DMACR_1B
DMAWER
DMACR_0A
DMACR_1A
DMABCR
Second transfer area
using chain transfer
First transfer area
Figure 7.2 Areas for Register Re-Setting by DTC (Channel 0A)
Writes by the DTC to bits 15 to 12 (FAE and SAE) in DMABCR are invalid regardless of the
DMAWER settings. These bits should be changed, if necessary, by CPU processing.
In writes by the DTC to bits 7 to 4 (DTE) in DMABCR, 1 can be written without first reading 0.
To reactivate a channel set to full address mode, write 1 to both Write Enable A and Write Enable
B for the channel to be reactivated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com