Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 368 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 368 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 364Page - Renesas Technology Corp H8S/2426R Datasheet HTML 365Page - Renesas Technology Corp H8S/2426R Datasheet HTML 366Page - Renesas Technology Corp H8S/2426R Datasheet HTML 367Page - Renesas Technology Corp H8S/2426R Datasheet HTML 368Page - Renesas Technology Corp H8S/2426R Datasheet HTML 369Page - Renesas Technology Corp H8S/2426R Datasheet HTML 370Page - Renesas Technology Corp H8S/2426R Datasheet HTML 371Page - Renesas Technology Corp H8S/2426R Datasheet HTML 372Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 368 / 1302 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 340 of 1270
REJ09B0466-0100
Table 7.4
DMAC Transfer Modes
Transfer Mode
Transfer Source
Remarks
Short
address
mode
Dual address mode
• 1-byte or 1-word transfer
for a single transfer
request
• Specify source and
destination addresses to
transfer data in two bus
cycles.
(1) Sequential mode
• Memory address
incremented or
decremented by 1 or 2
• Number of transfers: 1 to
65,536
(2) Idle mode
• Memory address fixed
• Number of transfers: 1 to
65,536
(3) Repeat mode
• Memory address
incremented or
decremented by 1 or 2
• Continues transfer after
sending number of
transfers (1 to 256) and
restoring the initial value
• TPU channel 0 to 5
compare match/input
capture A interrupt
• SCI transmission
complete interrupt
• SCI reception
complete interrupt
• A/D converter
conversion end
interrupt
• External request
Single address mode
• 1-byte or 1-word transfer
for a single transfer
request
• 1-bus cycle transfer by
means of
DACK pin
instead of using address
for specifying I/O
• Sequential mode, idle
mode, or repeat mode can
be specified
• External request
• Up to 4 channels can
operate independently
• External request applies
to channel B only
• Single address mode
applies to channel B
only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com