Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 377 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 377 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 373Page - Renesas Technology Corp H8S/2426R Datasheet HTML 374Page - Renesas Technology Corp H8S/2426R Datasheet HTML 375Page - Renesas Technology Corp H8S/2426R Datasheet HTML 376Page - Renesas Technology Corp H8S/2426R Datasheet HTML 377Page - Renesas Technology Corp H8S/2426R Datasheet HTML 378Page - Renesas Technology Corp H8S/2426R Datasheet HTML 379Page - Renesas Technology Corp H8S/2426R Datasheet HTML 380Page - Renesas Technology Corp H8S/2426R Datasheet HTML 381Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 377 / 1302 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 349 of 1270
REJ09B0466-0100
MAR specifies the start address of the transfer source or transfer destination as 24 bits. MAR is
incremented or decremented by 1 or 2 each time a byte or word is transferred. IOAR specifies the
lower 16 bits of the other address. The upper 8 bits of IOAR have a value of H'FF. The number of
transfers is specified as 8 bits by ETCRH and ETCRL. The maximum number of transfers, when
H'00 is set in both ETCRH and ETCRL, is 256.
In repeat mode, ETCRL functions as the transfer counter, and ETCRH is used to hold the number
of transfers. ETCRL is decremented by 1 each time a data transfer is executed, and when its value
reaches H'00, it is loaded with the value in ETCRH. At the same time, the value set in MAR is
restored in accordance with the values of the DTSZ and DTID bits in DMACR. The MAR
restoration operation is as shown below.
MAR = MAR – (–1)
DTID · 2DTSZ · ETCRH
The same value should be set in ETCRH and ETCRL.
In repeat mode, operation continues until the DTE bit in DMABCRL is cleared. To end the
transfer operation, therefore, the DTE bit should be cleared to 0. A transfer end interrupt request is
not sent to the CPU or DTC. By setting the DTE bit to 1 again after it has been cleared, the
operation can be restarted from the transfer after that terminated when the DTE bit was cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com