Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 392 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 392 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 388Page - Renesas Technology Corp H8S/2426R Datasheet HTML 389Page - Renesas Technology Corp H8S/2426R Datasheet HTML 390Page - Renesas Technology Corp H8S/2426R Datasheet HTML 391Page - Renesas Technology Corp H8S/2426R Datasheet HTML 392Page - Renesas Technology Corp H8S/2426R Datasheet HTML 393Page - Renesas Technology Corp H8S/2426R Datasheet HTML 394Page - Renesas Technology Corp H8S/2426R Datasheet HTML 395Page - Renesas Technology Corp H8S/2426R Datasheet HTML 396Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 392 / 1302 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 364 of 1270
REJ09B0466-0100
Transfer requests (activation sources) consist of A/D converter conversion end interrupts, external
requests, SCI transmission complete and reception complete interrupts, and TPU channel 0 to 5
compare match/input capture A interrupts.
Figure 7.16 shows an example of the setting procedure for block transfer mode.
Block transfer
mode setting
Set DMABCRH
Set transfer source
and transfer destination
addresses
Set number of transfers
Set DMACR
Read DMABCRL
Set DMABCRL
Block transfer mode
[1]
[2]
[3]
[4]
[5]
[6]
[1] Set each bit in DMABCRH.
• Set the FAE bit to 1 to select full address
mode.
• Specify enabling or disabling of internal
interrupt clearing with the DTA bit.
[2] Set the transfer source address in MARA, and
the transfer destination address in MARB.
[3] Set the block size in both ETCRAH and
ETCRAL. Set the number of transfers in
ETCRB.
[4] Set each bit in DMACRA and DMACRB.
• Set the transfer data size with the DTSZ bit.
• Specify whether MARA is to be incremented,
decremented, or fixed, with the SAID and
SAIDE bits.
• Set the BLKE bit to 1 to select block transfer
mode.
• Specify whether the transfer source or the
transfer destination is a block area with the
BLKDIR bit.
• Specify whether MARB is to be incremented,
decremented, or fixed, with the DAID and
DAIDE bits.
• Select the activation source with bits DTF3 to
DTF0.
[5] Read DTE = 0 and DTME = 0 in DMABCRL.
[6] Set each bit in DMABCRL.
• Specify enabling or disabling of transfer end
interrupts to the CPU with the DTIE bit.
• Set both the DTME bit and the DTE bit to 1 to
enable transfer.
Figure 7.16 Example of Block Transfer Mode Setting Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com